Electronic Components Datasheet Search
  English  ▼

X  

PIC10F222IP Datasheet(PDF) 41 Page - Microchip Technology

Part # PIC10F222IP
Description  6-Pin, 8-Bit Flash Microcontrollers
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC10F222IP Datasheet(HTML) 41 Page - Microchip Technology

Back Button PIC10F222IP Datasheet HTML 37Page - Microchip Technology PIC10F222IP Datasheet HTML 38Page - Microchip Technology PIC10F222IP Datasheet HTML 39Page - Microchip Technology PIC10F222IP Datasheet HTML 40Page - Microchip Technology PIC10F222IP Datasheet HTML 41Page - Microchip Technology PIC10F222IP Datasheet HTML 42Page - Microchip Technology PIC10F222IP Datasheet HTML 43Page - Microchip Technology PIC10F222IP Datasheet HTML 44Page - Microchip Technology PIC10F222IP Datasheet HTML 45Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 78 page
background image
© 2006 Microchip Technology Inc.
Preliminary
DS41270B-page 39
PIC10F220/222
FIGURE 8-6:
WATCHDOG TIMER BLOCK DIAGRAM
TABLE 8-4:
SUMMARY OF REGISTERS ASSOCIATED WITH THE WATCHDOG TIMER
8.7
Time-out Sequence, Power-down
and Wake-up from Sleep Status
Bits (TO/PD/GPWUF/CWUF)
The TO, PD and GPWUF bits in the STATUS register
can be tested to determine if a Reset condition has
been caused by a Power-up condition, a MCLR,
Watchdog Timer (WDT) Reset or wake-up on pin
change.
TABLE 8-5:
TO/PD/GPWUF STATUS AFTER RESET
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
Power-On
Reset
Value on
All Other
Resets
N/A
OPTION
GPWU
GPPU
T0CS
T0SE
PSA
PS2
PS1
PS0
1111 1111
1111 1111
Legend: Shaded boxes = Not used by Watchdog Timer, – = unimplemented, read as ‘0’, u = unchanged.
(Figure 6-5)
Postscaler
Note 1:
T0CS, T0SE, PSA, PS<2:0> are bits in the OPTION register.
WDT Time-out
Watchdog
Timer
From Timer0 Clock Source
WDT Enable
Configuration
Bit
PSA
Postscaler
8-to-1 MUX
PS<2:0>
(Figure 6-4)
To Timer0
0
1
M
U
X
1
0
PSA
MUX
3
GPWUF
TO
PD
Reset Caused By
00
0
WDT wake-up from Sleep
00
u
WDT time-out (not from Sleep)
01
0
MCLR wake-up from Sleep
01
1
Power-up
0u
u
MCLR not during Sleep
11
0
Wake-up from Sleep on pin change
Legend: u = unchanged, x = unknown, – = unimplemented bit, read as ‘0’, q = value depends on condition.
Note 1:
The TO, PD and GPWUF bits maintain their status (u) until a Reset occurs. A low-pulse on the MCLR
input does not change the TO, PD or GPWUF Status bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com