Electronic Components Datasheet Search
  English  ▼

X  

PIC10F222IP Datasheet(PDF) 56 Page - Microchip Technology

Part # PIC10F222IP
Description  6-Pin, 8-Bit Flash Microcontrollers
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC10F222IP Datasheet(HTML) 56 Page - Microchip Technology

Back Button PIC10F222IP Datasheet HTML 52Page - Microchip Technology PIC10F222IP Datasheet HTML 53Page - Microchip Technology PIC10F222IP Datasheet HTML 54Page - Microchip Technology PIC10F222IP Datasheet HTML 55Page - Microchip Technology PIC10F222IP Datasheet HTML 56Page - Microchip Technology PIC10F222IP Datasheet HTML 57Page - Microchip Technology PIC10F222IP Datasheet HTML 58Page - Microchip Technology PIC10F222IP Datasheet HTML 59Page - Microchip Technology PIC10F222IP Datasheet HTML 60Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 78 page
background image
PIC10F220/222
DS41270B-page 54
Preliminary
© 2006 Microchip Technology Inc.
10.2
DC Characteristics: PIC10F220/222 (Extended)
DC CHARACTERISTICS
Standard Operating Conditions (unless otherwise specified)
Operating Temperature -40
°C ≤ TA ≤ +125°C (extended)
Param
No.
Sym
Characteristic
Min
Typ(1)
Max
Units
Conditions
D001
VDD
Supply Voltage
2.0
5.5
V
See Figure 10-1
D002
VDR
RAM Data Retention Voltage(2)
—
1.5*
—
V
Device in Sleep mode
D003
VPOR
VDD Start Voltage to ensure
Power-on Reset
—Vss
—
V
See Section 8.4 “Power-on
Reset (POR)” for details
D004
SVDD
VDD Rise Rate to ensure
Power-on Reset
0.05*
—
—
V/ms
See Section 8.4 “Power-on
Reset (POR)” for details
D010
IDD
Supply Current(3)
—
—
—
—
170
350
250
450
TBD
TBD
TBD
TBD
μA
μA
μA
μA
FOSC = 4 MHz, VDD = 2.0V
FOSC = 4 MHz, VDD = 5.0V
FOSC = 8 MHz, VDD = 2.0V
FOSC = 8 MHz, VDD = 5.0V
D020
IPD
Power-down Current(4)
—0.1
TBD
μAVDD = 2.0V
D022
ΔIWDT WDT Current(4)
—1.0
TBD
μAVDD = 2.0V
D024
ΔIADC A/D Current
—80
TBD
μAVDD = 2.0V
Legend: TBD = To Be Determined.
*
These parameters are characterized but not tested.
Note 1:
Data in the Typical (“Typ”) column is based on characterization results at 25
°C. This data is for design
guidance only and is not tested.
2:
This is the limit to which VDD can be lowered in Sleep mode without losing RAM data.
3:
The supply current is mainly a function of the operating voltage and frequency. Other factors such as bus
loading, bus rate, internal code execution pattern and temperature also have an impact on the current
consumption.
a) The test conditions for all IDD measurements in active operation mode are:
All I/O pins tri-stated, pulled to VSS, T0CKI = VDD, MCLR = VDD; WDT enabled/disabled as specified.
b) For standby current measurements, the conditions are the same, except that the device is in Sleep
mode.
4:
Power-down current is measured with the part in Sleep mode, with all I/O pins in high-impedance state
and tied to VDD or VSS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com