Electronic Components Datasheet Search
  English  ▼

X  

PIC10F222IP Datasheet(PDF) 28 Page - Microchip Technology

Part # PIC10F222IP
Description  6-Pin, 8-Bit Flash Microcontrollers
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC10F222IP Datasheet(HTML) 28 Page - Microchip Technology

Back Button PIC10F222IP Datasheet HTML 24Page - Microchip Technology PIC10F222IP Datasheet HTML 25Page - Microchip Technology PIC10F222IP Datasheet HTML 26Page - Microchip Technology PIC10F222IP Datasheet HTML 27Page - Microchip Technology PIC10F222IP Datasheet HTML 28Page - Microchip Technology PIC10F222IP Datasheet HTML 29Page - Microchip Technology PIC10F222IP Datasheet HTML 30Page - Microchip Technology PIC10F222IP Datasheet HTML 31Page - Microchip Technology PIC10F222IP Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 78 page
background image
PIC10F220/222
DS41270B-page 26
Preliminary
© 2006 Microchip Technology Inc.
FIGURE 6-3:
TIMER0 TIMING: INTERNAL CLOCK/PRESCALE 1:2
TABLE 6-1:
REGISTERS ASSOCIATED WITH TIMER0
6.1
Using Timer0 With An External
Clock
When an external clock input is used for Timer0, it must
meet certain requirements. The external clock require-
ment is due to internal phase clock (TOSC) synchroniza-
tion. Also, there is a delay in the actual incrementing of
Timer0 after synchronization.
6.1.1
EXTERNAL CLOCK
SYNCHRONIZATION
When no prescaler is used, the external clock input is
the same as the prescaler output. The synchronization
of T0CKI with the internal phase clocks is accom-
plished by sampling the prescaler output on the Q2 and
Q4 cycles of the internal phase clocks (Figure 6-4).
Therefore, it is necessary for T0CKI to be high for at
least 2TOSC (and a small RC delay of 2Tt0H) and low
for at least 2TOSC (and a small RC delay of 2Tt0H).
Refer to the electrical specification of the desired
device.
When a prescaler is used, the external clock input is
divided by the asynchronous ripple counter-type
prescaler, so that the prescaler output is symmetrical.
For the external clock to meet the sampling require-
ment, the ripple counter must be taken into account.
Therefore, it is necessary for T0CKI to have a period of
at least 4TOSC (and a small RC delay of 4Tt0H) divided
by the prescaler value. The only requirement on T0CKI
high and low time is that they do not violate the
minimum pulse width requirement of Tt0H. Refer to
parameters 40, 41 and 42 in the electrical specification
of the desired device.
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
Power-On
Reset
Value on
All Other
Resets
01h
TMR0
Timer0 – 8-Bit Real-Time Clock/Counter
xxxx xxxx
uuuu uuuu
N/A
OPTION
GPWU
GPPU
T0CS
T0SE
PSA
PS2
PS1
PS0
1111 1111
1111 1111
N/A
TRISGPIO(1)
—
—
—
—
I/O Control Register
---- 1111
---- 1111
Legend:
Shaded cells not used by Timer0, – = unimplemented, x = unknown, u = unchanged.
Note 1:
The TRIS of the T0CKI pin is overridden when T0CS = 1
PC-1
Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4
Q1 Q2 Q3 Q4
Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4
Instruction
Fetch
Timer0
PC
PC + 1
PC + 2
PC + 3
PC + 4
PC + 6
T0
T0 + 1
NT0
NT0 + 1
MOVWF TMR0
MOVF TMR0,W MOVF TMR0,W MOVF TMR0,W
MOVF TMR0,W
MOVF TMR0,W
Write TMR0
executed
Read TMR0
reads NT0
Read TMR0
reads NT0
Read TMR0
reads NT0
Read TMR0
reads NT0 + 1
Read TMR0
reads NT0 + 2
Instruction
Executed
PC + 5
PC
(Program
Counter)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com