Electronic Components Datasheet Search
  English  ▼

X  

PIC10F222IP Datasheet(PDF) 25 Page - Microchip Technology

Part # PIC10F222IP
Description  6-Pin, 8-Bit Flash Microcontrollers
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC10F222IP Datasheet(HTML) 25 Page - Microchip Technology

Back Button PIC10F222IP Datasheet HTML 21Page - Microchip Technology PIC10F222IP Datasheet HTML 22Page - Microchip Technology PIC10F222IP Datasheet HTML 23Page - Microchip Technology PIC10F222IP Datasheet HTML 24Page - Microchip Technology PIC10F222IP Datasheet HTML 25Page - Microchip Technology PIC10F222IP Datasheet HTML 26Page - Microchip Technology PIC10F222IP Datasheet HTML 27Page - Microchip Technology PIC10F222IP Datasheet HTML 28Page - Microchip Technology PIC10F222IP Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 78 page
background image
© 2006 Microchip Technology Inc.
Preliminary
DS41270B-page 23
PIC10F220/222
TABLE 5-3:
SUMMARY OF PORT REGISTERS
5.4
I/O Programming Considerations
5.4.1
BIDIRECTIONAL I/O PORTS
Some instructions operate internally as read followed
by write operations. The BCF and BSF instructions, for
example, read the entire port into the CPU, execute the
bit operation and re-write the result. Caution must be
used when these instructions are applied to a port
where one or more pins are used as input/outputs. For
example, a BSF operation on bit 2 of GPIO will cause
all eight bits of GPIO to be read into the CPU, bit 2 to
be set and the GPIO value to be written to the output
latches. If another bit of GPIO is used as a bidirectional
I/O pin (say bit 0) and it is defined as an input at this
time, the input signal present on the pin itself would be
read into the CPU and rewritten to the data latch of this
particular pin, overwriting the previous content. As long
as the pin stays in the Input mode, no problem occurs.
However, if bit 0 is switched into Output mode later on,
the content of the data latch may now be unknown.
Example 5-1 shows the effect of two sequential
Read-Modify-Write instructions (e.g., BCF, BSF, etc.)
on an I/O port.
A pin actively outputting a high or a low should not be
driven from external devices at the same time in order
to change the level on this pin (“wired-or”, “wired-and”).
The resulting high output currents may damage the
chip.
EXAMPLE 5-1:
I/O PORT READ-MODIFY-
WRITE INSTRUCTIONS
5.4.2
SUCCESSIVE OPERATIONS ON I/O
PORTS
The actual write to an I/O port happens at the end of an
instruction cycle, whereas for reading, the data must be
valid at the beginning of the instruction cycle (Figure 5-5).
Therefore, care must be exercised if a write followed by
a read operation is carried out on the same I/O port. The
sequence of instructions should allow the pin voltage to
stabilize (load dependent) before the next instruction
causes that file to be read into the CPU. Otherwise, the
previous state of that pin may be read into the CPU rather
than the new state. When in doubt, it is better to separate
these instructions with a NOP or another instruction not
accessing this I/O port.
FIGURE 5-5:
SUCCESSIVE I/O OPERATION
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
Power-On
Reset
Value on
All Other Resets
N/A
TRISGPIO
—
—
—
—
I/O Control Registers
---- 1111
---- 1111
N/A
OPTION
GPWU
GPPU
T0CS
T0SE
PSA
PS2
PS1
PS0
1111 1111
1111 1111
03h
STATUS
GPWUF
—
—
TO
PD
Z
DC
C
0001 1xxx
q00q quuu(1)
06h
GPIO
—
—
—
—
GP3
GP2
GP1
GP0
---- xxxx
---- uuuu
Legend:
Shaded cells not used by Port registers, read as ‘0’, – = unimplemented, read as ‘0’, x = unknown, u = unchanged,
q
= depends on condition.
Note
1:
If Reset was due to wake-up on pin change, then bit 7 = 1. All other Resets will cause bit 7 = 0.
;Initial GPIO Settings
;GPIO<3:2> Inputs
;GPIO<1:0> Outputs
;
;
GPIO latch
GPIO pins
;
----------
----------
BCF
GPIO,
1 ;---- pp01
---- pp11
BCF
GPIO,
0 ;---- pp10
---- pp11
MOVLW
007h;
TRIS
GPIO
;---- pp10
---- pp11
;
Note:
The user may have expected the pin values to
be ---- pp00. The second BCF caused GP1
to be latched as the pin value (High).
PC
PC + 1
PC + 2
PC + 3
Q1 Q2 Q3 Q4
Q1 Q2
Q3 Q4 Q1
Q2 Q3 Q4
Q1 Q2 Q3 Q4
Instruction
Fetched
GP<2:0>
MOVWF GPIO
NOP
Port pin
sampled here
NOP
MOVF GPIO
, W
Instruction
Executed
MOVWF GPIO
(Write to GPIO)
NOP
MOVF GPIO,W
This example shows a write to GPIO followed
by a read from GPIO.
Data setup time = (0.25 TCY – TPD)
where: TCY = instruction cycle
TPD = propagation delay
Therefore, at higher clock frequencies, a
write followed by a read may be problematic.
(Read GPIO)
Port pin
written here



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com