Electronic Components Datasheet Search
  English  ▼

X  

PIC10F222IP Datasheet(PDF) 33 Page - Microchip Technology

Part # PIC10F222IP
Description  6-Pin, 8-Bit Flash Microcontrollers
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC10F222IP Datasheet(HTML) 33 Page - Microchip Technology

Back Button PIC10F222IP Datasheet HTML 29Page - Microchip Technology PIC10F222IP Datasheet HTML 30Page - Microchip Technology PIC10F222IP Datasheet HTML 31Page - Microchip Technology PIC10F222IP Datasheet HTML 32Page - Microchip Technology PIC10F222IP Datasheet HTML 33Page - Microchip Technology PIC10F222IP Datasheet HTML 34Page - Microchip Technology PIC10F222IP Datasheet HTML 35Page - Microchip Technology PIC10F222IP Datasheet HTML 36Page - Microchip Technology PIC10F222IP Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 78 page
background image
© 2006 Microchip Technology Inc.
Preliminary
DS41270B-page 31
PIC10F220/222
bit 0
ADON: ADC Enable bit
1
= ADC module is operating
0
= ADC module is shut-off and consumes no power
REGISTER 7-1:
ADCON0 REGISTER (ADDRESS 07h) (CONTINUED)
Note 1:
When the ANS bits are set, the channel(s) selected are automatically forced into analog mode regardless of the pin
function previously defined.
2:
The ANS<1:0> bits are active regardless of the condition of ADON
3:
CHS<1:0> bits default to 11 after any Reset.
4:
If the ADON bit is clear, the GO/DONE bit cannot be set.
REGISTER 7-2:
ADRES REGISTER (ADDRESS 08h)
R-X
R-X
R-X
R-X
R-X
R-X
R-X
R-X
ADRES7
ADRES6
ADRES5
ADRES4
ADRES3
ADRES2
ADRES1
ADRES0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-0
ADRES<7:0>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com