Electronic Components Datasheet Search
  English  ▼

X  

PIC10F222IP Datasheet(PDF) 36 Page - Microchip Technology

Part # PIC10F222IP
Description  6-Pin, 8-Bit Flash Microcontrollers
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC10F222IP Datasheet(HTML) 36 Page - Microchip Technology

Back Button PIC10F222IP Datasheet HTML 32Page - Microchip Technology PIC10F222IP Datasheet HTML 33Page - Microchip Technology PIC10F222IP Datasheet HTML 34Page - Microchip Technology PIC10F222IP Datasheet HTML 35Page - Microchip Technology PIC10F222IP Datasheet HTML 36Page - Microchip Technology PIC10F222IP Datasheet HTML 37Page - Microchip Technology PIC10F222IP Datasheet HTML 38Page - Microchip Technology PIC10F222IP Datasheet HTML 39Page - Microchip Technology PIC10F222IP Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 78 page
background image
PIC10F220/222
DS41270B-page 34
Preliminary
© 2006 Microchip Technology Inc.
8.2
Oscillator Configurations
8.2.1
OSCILLATOR TYPES
The PIC10F220/222 devices are offered with internal
oscillator mode only.
• INTOSC: Internal 4/8 MHz Oscillator
8.2.2
INTERNAL 4/8 MHz OSCILLATOR
The internal oscillator provides a 4/8 MHz (nominal)
system clock (see Section 10.0 “Electrical Charac-
teristics” for information on variation over voltage and
temperature).
In addition, a calibration instruction is programmed into
the last address of memory, which contains the calibra-
tion value for the internal oscillator. This location is
always uncode protected, regardless of the code-pro-
tect settings. This value is programmed as a MOVLW XX
instruction where XX is the calibration value and is
placed at the Reset vector. This will load the W register
with the calibration value upon Reset and the PC will
then roll over to the users program at address 0x000.
The user then has the option of writing the value to the
OSCCAL Register (05h) or ignoring it.
OSCCAL, when written to with the calibration value, will
“trim” the internal oscillator to remove process variation
from the oscillator frequency.
8.3
Reset
The device differentiates between various kinds of
Reset:
• Power-on Reset (POR)
•MCLR Reset during normal operation
•MCLR Reset during Sleep
• WDT Time-out Reset during normal operation
• WDT Time-out Reset during Sleep
• Wake-up from Sleep on pin change
Some registers are not reset in any way, they are
unknown on POR and unchanged in any other Reset.
Most other registers are reset to “Reset state” on
Power-on Reset (POR), MCLR, WDT or Wake-up on
pin change Reset during normal operation. They are
not affected by a WDT Reset during Sleep or MCLR
Reset during Sleep, since these Resets are viewed as
resumption of normal operation. The exceptions to this
are TO, PD and GPWUF bits. They are set or cleared
differently in different Reset situations. These bits are
used in software to determine the nature of Reset. See
Table 8-1 for a full description of Reset states of all
registers.
TABLE 8-1:
RESET CONDITIONS FOR REGISTERS – PIC10F220/222
Note:
Erasing the device will also erase the pre-
programmed internal calibration value for
the internal oscillator. The calibration
value must be read prior to erasing the
part so it can be reprogrammed correctly
later.
Register
Address
Power-on Reset
MCLR Reset, WDT Time-out, Wake-up On Pin Change,
W—
qqqq qqqu
(1)
qqqq qqqu
(1)
INDF
00h
xxxx xxxx
uuuu uuuu
TMR0
01h
xxxx xxxx
uuuu uuuu
PC
02h
1111 1111
1111 1111
STATUS
03h
0--1 1xxx
q00q quuu
FSR
04h
111x xxxx
111u uuuu
OSCCAL
05h
1111 1110
uuuu uuuu
GPIO
06h
---- xxxx
---- uuuu
ADCON0
07h
11-- 1100
11-- 1100
ADRES
08h
xxxx xxxx
uuuu uuuu
OPTION
—
1111 1111
1111 1111
TRIS
—
---- 1111
---- 1111
Legend:
u
= unchanged, x = unknown, – = unimplemented bit, read as ‘0’, q = value depends on condition.
Note
1:
Bits <7:2> of W register contain oscillator calibration values due to MOVLW XX instruction at top of memory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com