Electronic Components Datasheet Search
  English  ▼

X  

PIC10F222IP Datasheet(PDF) 57 Page - Microchip Technology

Part # PIC10F222IP
Description  6-Pin, 8-Bit Flash Microcontrollers
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC10F222IP Datasheet(HTML) 57 Page - Microchip Technology

Back Button PIC10F222IP Datasheet HTML 53Page - Microchip Technology PIC10F222IP Datasheet HTML 54Page - Microchip Technology PIC10F222IP Datasheet HTML 55Page - Microchip Technology PIC10F222IP Datasheet HTML 56Page - Microchip Technology PIC10F222IP Datasheet HTML 57Page - Microchip Technology PIC10F222IP Datasheet HTML 58Page - Microchip Technology PIC10F222IP Datasheet HTML 59Page - Microchip Technology PIC10F222IP Datasheet HTML 60Page - Microchip Technology PIC10F222IP Datasheet HTML 61Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 78 page
background image
© 2006 Microchip Technology Inc.
Preliminary
DS41270B-page 55
PIC10F220/222
TABLE 10-1:
DC CHARACTERISTICS: PIC10F220/222 (Industrial, Extended)
DC CHARACTERISTICS
Standard Operating Conditions (unless otherwise specified)
Operating temperature-40°C
≤ TA ≤ +85°C (industrial)
-40°C
≤ TA ≤ +125°C (extended)
Operating voltage VDD range as described in DC specification
Param
No.
Sym
Characteristic
Min
Typ†
Max
Units
Conditions
VIL
Input Low Voltage
I/O ports:
D030
with TTL buffer
Vss
—
0.8V
V
For all 4.5
≤ VDD ≤ 5.5V
D030A
Vss
—
0.15 VDD
V
Otherwise
D031
with Schmitt Trigger buffer
Vss
—
0.15 VDD
V
D032
MCLR, T0CKI
Vss
—
0.15 VDD
V
VIH
Input High Voltage
I/O ports:
—
D040
with TTL buffer
2.0
—
VDD
V4.5
≤ VDD ≤ 5.5V
D040A
0.25 VDD
+ 0.8V
—VDD
V
Otherwise
D041
with Schmitt Trigger buffer
0.85 VDD
—VDD
V
For entire VDD range
D042
MCLR, T0CKI
0.85 VDD
—VDD
V
D070
IPUR
GPIO weak pull-up current
TBD
250
TBD
μAVDD = 5V, VPIN = VSS
IIL
Input Leakage Current(1), (2)
D060
I/O ports
—
—
± 1
μA
Vss
≤ VPIN ≤ VDD, Pin at high-impedance
D061
GP3/MCLR(3)
——
± 5
μA
Vss
≤ VPIN ≤ VDD
Output Low Voltage
D080
I/O ports
—
—
0.6
V
IOL = 8.5 mA, VDD = 4.5V, -40
°C to +85°C
D080A
—
—
0.6
V
IOL = 7.0 mA, VDD = 4.5V, +85
°C to
+125
°C
Output High Voltage
D090
I/O ports(2)
VDD–0.7
—
—
V
IOH = -3.0 mA, VDD = 4.5V, -40
°C to
+85
°C
D090A
VDD–0.7
—
—
V
IOH = -2.5 mA, VDD = 4.5V, +85
°C to
+125
°C
Capacitive Loading Specs on
Output Pins
D101
All I/O pins
—
—
50*
pF
Legend:
TBD = To Be Determined.
†
Data in “Typ” column is at 5V, 25
°C unless otherwise stated. These parameters are for design guidance only and are
not tested.
*
These parameters are for design guidance only and are not tested.
Note
1:
The leakage current on the MCLR pin is strongly dependent on the applied voltage level. The specified levels represent
normal operating conditions. Higher leakage current may be measured at different input voltages.
2:
Negative current is defined as coming out of the pin.
3:
This specification applies when GP3/MCLR is configured as an input with pull-up disabled. The leakage current of the
MCLR circuit is higher than the standard I/O logic.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com