Electronic Components Datasheet Search
  English  ▼

X  

PIC10F222IP Datasheet(PDF) 59 Page - Microchip Technology

Part # PIC10F222IP
Description  6-Pin, 8-Bit Flash Microcontrollers
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC10F222IP Datasheet(HTML) 59 Page - Microchip Technology

Back Button PIC10F222IP Datasheet HTML 55Page - Microchip Technology PIC10F222IP Datasheet HTML 56Page - Microchip Technology PIC10F222IP Datasheet HTML 57Page - Microchip Technology PIC10F222IP Datasheet HTML 58Page - Microchip Technology PIC10F222IP Datasheet HTML 59Page - Microchip Technology PIC10F222IP Datasheet HTML 60Page - Microchip Technology PIC10F222IP Datasheet HTML 61Page - Microchip Technology PIC10F222IP Datasheet HTML 62Page - Microchip Technology PIC10F222IP Datasheet HTML 63Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 78 page
background image
© 2006 Microchip Technology Inc.
Preliminary
DS41270B-page 57
PIC10F220/222
10.3
Timing Parameter Symbology and Load Conditions
The timing parameter symbols have been created following one of the following formats:
FIGURE 10-2:
LOAD CONDITIONS
TABLE 10-3:
CALIBRATED INTERNAL RC FREQUENCIES
1. TppS2ppS
2. TppS
T
F
Frequency
T Time
Lowercase subscripts (pp) and their meanings:
pp
2to
mc
MCLR
ck
CLKOUT
osc
Oscillator
cy
Cycle time
os
OSC1
drt
Device Reset Timer
t0
T0CKI
io
I/O port
wdt
Watchdog Timer
Uppercase letters and their meanings:
S
FFall
P
Period
HHigh
R
Rise
I
Invalid (high-impedance)
V
Valid
L
Low
Z
High-impedance
AC CHARACTERISTICS
Standard Operating Conditions (unless otherwise specified)
Operating Temperature
-40
°C ≤ TA ≤ +85°C (industrial),
-40
°C ≤ TA ≤ +125°C (extended)
Param
No.
Sym
Characteristic
Freq.
Tolerance
Min
Typ†
Max
Units
Conditions
F10
FOSC
Internal Calibrated
INTOSC Frequency(1), (2)
± 1%
7.92
8
8.08
MHz 3.5V @ TA = 25°C
± 2%
7.84
8
8.16
MHz 2.5V
≤ VDD ≤ 5.5V
Temperature 0-85
°C
± 5%
7.60
8
8.4
MHz 2.0V
≤ VDD ≤ 5.5V
-40
°C ≤ TA ≤ +85°C (industrial)
-40
°C ≤ TA ≤ +125°C (extended)
Legend: TBD = To Be Determined.
*
These parameters are characterized but not tested.
† Data in the Typical (“Typ”) column is at 5V, 25
°C unless otherwise stated. These parameters are for design
guidance only and are not tested.
Note 1:
To ensure these oscillator frequency tolerances, VDD and VSS must be capacitively decoupled as close to
the device as possible. 0.1
μF and 0.01 μF values in parallel are recommended.
2:
The 4 MHz clock is derived from the 8 MHz oscillator. To obtain 4 MHz tolerance values, divide the
appropriate 8 MHz value by 2.
CL
VSS
pin
Legend:
CL = 50 pF for all pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com