Electronic Components Datasheet Search
  English  ▼

X  

PIC10F222IP Datasheet(PDF) 48 Page - Microchip Technology

Part # PIC10F222IP
Description  6-Pin, 8-Bit Flash Microcontrollers
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC10F222IP Datasheet(HTML) 48 Page - Microchip Technology

Back Button PIC10F222IP Datasheet HTML 44Page - Microchip Technology PIC10F222IP Datasheet HTML 45Page - Microchip Technology PIC10F222IP Datasheet HTML 46Page - Microchip Technology PIC10F222IP Datasheet HTML 47Page - Microchip Technology PIC10F222IP Datasheet HTML 48Page - Microchip Technology PIC10F222IP Datasheet HTML 49Page - Microchip Technology PIC10F222IP Datasheet HTML 50Page - Microchip Technology PIC10F222IP Datasheet HTML 51Page - Microchip Technology PIC10F222IP Datasheet HTML 52Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 78 page
background image
PIC10F220/222
DS41270B-page 46
Preliminary
© 2006 Microchip Technology Inc.
BTFSS
Bit Test f, Skip if Set
Syntax:
[ label ] BTFSS f,b
Operands:
0
≤ f ≤ 31
0
≤ b < 7
Operation:
skip if (f<b>) = 1
Status Affected:
None
Description:
If bit ‘b’ in register ‘f’ is ‘1’, then the
next instruction is skipped.
If bit ‘b’ is ‘1’, then the next instruc-
tion fetched during the current
instruction execution, is discarded
and a NOP is executed instead,
making this a 2-cycle instruction.
CALL
Subroutine Call
Syntax:
[ label ] CALL k
Operands:
0
≤ k ≤ 255
Operation:
(PC) + 1
→ Top of Stack;
k
→ PC<7:0>;
(Status<6:5>)
→ PC<10:9>;
0
→ PC<8>
Status Affected:
None
Description:
Subroutine call. First, return
address (PC + 1) is pushed onto
the stack. The eight-bit immediate
address is loaded into PC bits
<7:0>. The upper bits PC<10:9>
are loaded from STATUS<6:5>,
PC<8> is cleared. CALL is a two-
cycle instruction.
CLRF
Clear f
Syntax:
[ label ] CLRF
f
Operands:
0
≤ f ≤ 31
Operation:
00h
→ (f);
1
→ Z
Status Affected:
Z
Description:
The contents of register ‘f’ are
cleared and the Z bit is set.
CLRW
Clear W
Syntax:
[ label ] CLRW
Operands:
None
Operation:
00h
→ (W);
1
→ Z
Status Affected:
Z
Description:
The W register is cleared. Zero bit
(Z) is set.
CLRWDT
Clear Watchdog Timer
Syntax:
[ label ] CLRWDT k
Operands:
None
Operation:
00h
→ WDT;
0
→ WDT prescaler (if assigned);
1
→ TO;
1
→ PD
Status Affected:
TO, PD
Description:
The CLRWDT instruction resets the
WDT. It also resets the prescaler, if
the prescaler is assigned to the
WDT and not Timer0. Status bits
TO and PD are set.
COMF
Complement f
Syntax:
[ label ] COMF
f,d
Operands:
0
≤ f ≤ 31
d
∈ [0,1]
Operation:
(f)
→ (dest)
Status Affected:
Z
Description:
The contents of register ‘f’ are
complemented. If ‘d’ is ‘0’, the
result is stored in the W register. If
‘d’ is ‘1’, the result is stored back in
register ‘f’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com