Electronic Components Datasheet Search
  English  ▼

X  

AX5043 Datasheet(PDF) 7 Page - ON Semiconductor

Part # AX5043
Description  Advanced High Performance ASK and FSK Narrow-band Transceiver for 27-1050 MHz Range
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX5043 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button AX5043 Datasheet HTML 3Page - ON Semiconductor AX5043 Datasheet HTML 4Page - ON Semiconductor AX5043 Datasheet HTML 5Page - ON Semiconductor AX5043 Datasheet HTML 6Page - ON Semiconductor AX5043 Datasheet HTML 7Page - ON Semiconductor AX5043 Datasheet HTML 8Page - ON Semiconductor AX5043 Datasheet HTML 9Page - ON Semiconductor AX5043 Datasheet HTML 10Page - ON Semiconductor AX5043 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 47 page
background image
AX5043
www.onsemi.com
7
Table 3. SUPPLIES
Units
Max
Typ
Min
Condition
Description
Symbol
ITX−DIFF
Current consumption TX
differential
868 MHz, 16 dBm, FSK, Note 2
RF Frequency Subsystem:
Internal VCO and loop−filter
Antenna configuration: Differential PA
48
mA
ITX−SE
Current consumption TX
single ended
868 MHz, 0 dBm, FSK,
RF Frequency Subsystem:
Internal VCO and loop−filter
Antenna configuration:
Single ended PA, external RX/TX switch-
ing
7.5
mA
1. Digital circuitry is functional down to typically 1 V.
2. Measured with optimized matching networks.
For information on current consumption in complex
modes of operation tailored to your application, see the
software AX−RadioLab for AX5043.
Note on current consumption in TX mode
To achieve best output power the matching network has to
be optimized for the desired output power and frequency. As
a rule of thumb a good matching network produces about
50% efficiency with the AX5043 power amplifier although
over 90% are theoretically possible. A typical matching
network has between 1 dB and 2 dB loss (Ploss). The
theoretical efficiencies are the same for the single ended PA
(ANTP1) and differential PA (ANTP and ANTN) therefore
only one current value is shown in the table below. We
recommend to use the single ended PA for low output power
and the differential PA for high power. The differential PA
is internally multiplexed with the LNA on pins ANTP and
ANTN. Therefore constraints for the RX matching have to
be considered for the differential PA matching.
The current consumption can be calculated as
ITX[mA] +
1
PAefficiency
10
Pout[dBm])Ploss[dB]
10
B 1.8V ) Ioffset
Ioffset is about 6 mA for the fully integrated VCO at
400 MHz to 1050 MHz, and 3 mA for the VCO with external
inductor at 169 MHz. The following table shows calculated
current consumptions versus output power for Ploss = 1 dB,
PAefficiency = 0.5, Ioffset= 6 mA at 868 MHz and Ioffset=
3.5 mA at 169 MHz.
Table 4. CURRENT CONSUMPTION VS. OUTPUT
POWER
Pout [dBm]
Itxcalc [mA]
868 MHz
169 MHz
0
7.5
4.5
1
7.9
4.9
2
8.4
5.4
3
9.0
6.0
4
9.8
6.8
5
10.8
7.8
6
12.1
9.1
7
13.7
10.7
8
15.7
12.7
9
18.2
15.2
10
21.3
18.3
11
25.3
22.3
12
30.3
27.3
13
36.7
33.7
14
44.6
41.6
15
54.6
51.6
Both AX5043 power amplifiers run from the regulated
VDD_ANA supply and not directly from the battery. This
has the advantage that the current and output power do not
vary much over supply voltage and temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com