Electronic Components Datasheet Search
  English  ▼

X  

AX5043 Datasheet(PDF) 28 Page - ON Semiconductor

Part # AX5043
Description  Advanced High Performance ASK and FSK Narrow-band Transceiver for 27-1050 MHz Range
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX5043 Datasheet(HTML) 28 Page - ON Semiconductor

Back Button AX5043 Datasheet HTML 24Page - ON Semiconductor AX5043 Datasheet HTML 25Page - ON Semiconductor AX5043 Datasheet HTML 26Page - ON Semiconductor AX5043 Datasheet HTML 27Page - ON Semiconductor AX5043 Datasheet HTML 28Page - ON Semiconductor AX5043 Datasheet HTML 29Page - ON Semiconductor AX5043 Datasheet HTML 30Page - ON Semiconductor AX5043 Datasheet HTML 31Page - ON Semiconductor AX5043 Datasheet HTML 32Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 47 page
background image
AX5043
www.onsemi.com
28
Table 28. CONTROL REGISTER MAP
Bit
Add
Description
0
1
2
3
4
5
6
7
Reset
Ret
Dir
Name
043
AGCCOUNTER
RW R
–––––––– AGCCOUNTER(7:0)
AGC Current Value
Receiver Tracking
045
TRKDATARATE
2
R
R
–––––––– TRKDATARATE(23:16)
Datarate Tracking
046
TRKDATARATE
1
R
R
–––––––– TRKDATARATE(15:8)
Datarate Tracking
047
TRKDATARATE
0
R
R
–––––––– TRKDATARATE(7:0)
Datarate Tracking
048
TRKAMPL1
R
R
–––––––– TRKAMPL(15:8)
Amplitude Tracking
049
TRKAMPL0
R
R
–––––––– TRKAMPL(7:0)
Amplitude Tracking
04A TRKPHASE1
R
R
–––––––– –
–
–
–
TRKPHASE(11:8)
Phase Tracking
04B TRKPHASE0
R
R
–––––––– TRKPHASE(7:0)
Phase Tracking
04D TRKRFFREQ2
RW R
–––––––– –
–
–
–
TRRFKFREQ(19:16)
RF Frequency Track-
ing
04E TRKRFFREQ1
RW R
–––––––– TRRFKFREQ(15:8)
RF Frequency Track-
ing
04F
TRKRFFREQ0
RW R
–––––––– TRRFKFREQ(7:0)
RF Frequency Track-
ing
050
TRKFREQ1
RW R
–––––––– TRKFREQ(15:8)
Frequency Tracking
051
TRKFREQ0
RW R
–––––––– TRKFREQ(7:0)
Frequency Tracking
052
TRKFSKDEMO-
D1
R
R
–––––––– –
–
TRKFSKDEMOD(13:8)
FSK Demodulator
Tracking
053
TRKFSKDEMO-
D0
R
R
–––––––– TRKFSKDEMOD(7:0)
FSK Demodulator
Tracking
054
TRKAFSKDEM-
OD1
R
R
–––––––– TRKAFSKDEMOD(15:8)
AFSK Demodulator
Tracking
055
TRKAFSKDEM-
OD0
R
R
–––––––– TRKAFSKDEMOD(7:0)
AFSK Demodulator
Tracking
Timer
059
TIMER2
R
–
–––––––– TIMER(23:16)
1MHz Timer
05A TIMER1
R
–
–––––––– TIMER(15:8)
1MHz Timer
05B TIMER0
R
–
–––––––– TIMER(7:0)
1MHz Timer
Wakeup Timer
068
WAKEUPTIMER
1
R
R
–––––––– WAKEUPTIMER(15:8)
Wakeup Timer
069
WAKEUPTIMER
0
R
R
–––––––– WAKEUPTIMER(7:0)
Wakeup Timer
06A WAKEUP1
RW R
00000000 WAKEUP(15:8)
Wakeup Time
06B WAKEUP0
RW R
00000000 WAKEUP(7:0)
Wakeup Time
06C WAKEUPFREQ
1
RW R
00000000 WAKEUPFREQ(15:8)
Wakeup Frequency
06D WAKEUPFREQ
0
RW R
00000000 WAKEUPFREQ(7:0)
Wakeup Frequency
06E WAKEUPXOEA-
RLY
RW R
00000000 WAKEUPXOEARLY
Wakeup Crystal Oscil-
lator Early
Physical Layer Parameters
Receiver Parameters
100
IFFREQ1
RW R
00010001 IFFREQ(15:8)
2nd LO / IF Frequency
101
IFFREQ0
RW R
00100111 IFFREQ(7:0)
2nd LO / IF Frequency
102
DECIMATION
RW R
–0001101 –
DECIMATION(6:0)
Decimation Factor
103
RXDATARATE2
RW R
00000000 RXDATARATE(23:16)
Receiver Datarate
104
RXDATARATE1
RW R
00111101 RXDATARATE(15:8)
Receiver Datarate
105
RXDATARATE0
RW R
10001010 RXDATARATE(7:0)
Receiver Datarate
106
MAXDROFFSE-
T2
RW R
00000000 MAXDROFFSET(23:16)
Maximum Receiver
Datarate Offset
107
MAXDROFFSE-
T1
RW R
00000000 MAXDROFFSET(15:8)
Maximum Receiver
Datarate Offset
108
MAXDROFFSE-
T0
RW R
10011110 MAXDROFFSET(7:0)
Maximum Receiver
Datarate Offset
109
MAXRFOFFSET
2
RW R
0–––0000 FREQ
OFFS
CORR
–
–
–
MAXRFOFFSET(19:16)
Maximum Receiver RF
Offset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com