Electronic Components Datasheet Search
  English  ▼

X  

AX5043 Datasheet(PDF) 22 Page - ON Semiconductor

Part # AX5043
Description  Advanced High Performance ASK and FSK Narrow-band Transceiver for 27-1050 MHz Range
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX5043 Datasheet(HTML) 22 Page - ON Semiconductor

Back Button AX5043 Datasheet HTML 18Page - ON Semiconductor AX5043 Datasheet HTML 19Page - ON Semiconductor AX5043 Datasheet HTML 20Page - ON Semiconductor AX5043 Datasheet HTML 21Page - ON Semiconductor AX5043 Datasheet HTML 22Page - ON Semiconductor AX5043 Datasheet HTML 23Page - ON Semiconductor AX5043 Datasheet HTML 24Page - ON Semiconductor AX5043 Datasheet HTML 25Page - ON Semiconductor AX5043 Datasheet HTML 26Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 47 page
background image
AX5043
www.onsemi.com
22
Table 22. MODULATIONS
Modulation
Bit = 0
Bit = 1
Main Lobe Bandwidth
Max. Bitrate
ASK
PA off
PA on
BW = BITRATE
125 kBit/s
FSK/MSK/GFSK/GMSK
Df = −fdeviation
Df = +fdeviation
BW = (1 + h) ⋅BITRATE
125 kBit/s
PSK
DF = 0°
DF = 180°
BW = BITRATE
125 kBit/s
h
= modulation index. It is the ratio of the deviation
compared to the bit−rate; fdeviation = 0.5⋅h⋅BITRATE,
AX5043 can demodulate signals with h < 32.
ASK = amplitude shift keying
FSK = frequency shift keying
MSK= minimum shift keying; MSK is a special case of
FSK, where h = 0.5, and therefore
fdeviation = 0.25⋅BITRATE; the advantage of MSK over FSK
is that it can be demodulated more robustly.
PSK = phase shift keying
All modulation schemes, except 4−FSK, are binary.
Amplitude can be shaped using a raised cosine waveform.
Amplitude shaping will also be performed for constant
amplitude modulation ((G)FSK, (G)MSK) for ramping up
and down the PA. Amplitude shaping should always be
enabled.
Frequency shaping can either be hard (FSK, MSK), or
Gaussian (GMSK, GFSK), with selectable BT = 0.3 or
BT = 0.5.
Table 23. 4−FSK MODULATION
Modulation
DiBit = 00
DiBit = 01
DiBit = 11
DiBit = 10
Main Lobe Bandwidth
Max. Bitrate
4−FSK
Df = −3fdeviation
Df = −fdeviation
Df = +fdeviation
Df = +3fdeviation
BW = (1 + 3 h) ⋅BITRATE
125 kBit/s
4−FSK Frequency shaping is always hard.
Automatic Frequency Control (AFC)
The AX5043 features an automatic frequency tracking
loop which is capable of tracking the transmitter frequency
within the RX filter band width. On top of that the AX5043
has a frequency tracking register TRKRFFREQ to
synchronize the receiver frequency to a carrier signal. For
AFC adjustment, the frequency offset can be computed with
the following formula:
Df + TRKRFFREQ
224
fXTAL
The pull−in range of the AFC can be programmed with the
MAXRFOFFSET Registers.
PWRMODE Register
The PWRMODE register controls, which parts of the chip
are operating.
Table 24. PWRMODE REGISTER
PWRMODE Register
Name
Description
0000
POWERDOWN
All digital and analog functions, except the register file, are disabled. The core supply volt-
ages are switched off to conserve leakage power. Register contents are preserved and
accessible registers via SPI, but at a slower speed.
Access to the FIFO is not possible and the contents are not preserved. POWERDOWN
mode is only entered once the FIFO is empty.
0001
DEEPSLEEP
AX5043 is fully turned off. All digital and analog functions are disabled. All register con-
tents are lost.
To leave DEEPSLEEP mode the pin SEL has to be pulled low. This will initiate startup and
reset of the AX5043. Then the MISO line should be polled, as it will be held low during
initialization and will rise to high at the end of the initialization, when the chip becomes
ready for operation.
0101
STANDBY
The crystal oscillator and the reference are powered on; receiver and transmitter are off.
Register contents are preserved and accessible registers via SPI.
Access to the FIFO is not possible and the contents are not preserved. STANDBY is only
entered once the FIFO is empty.
0110
FIFO
The reference is powered on. Register contents are preserved and accessible registers via
SPI.
Access to the FIFO is possible and the contents are preserved.
1000
SYNTHRX
The synthesizer is running on the receive frequency. Transmitter and receiver are still off.
This mode is used to let the synthesizer settle on the correct frequency for receive.
1001
FULLRX
Synthesizer and receiver are running.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com