Electronic Components Datasheet Search
  English  ▼

X  

AX5043 Datasheet(PDF) 12 Page - ON Semiconductor

Part # AX5043
Description  Advanced High Performance ASK and FSK Narrow-band Transceiver for 27-1050 MHz Range
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX5043 Datasheet(HTML) 12 Page - ON Semiconductor

Back Button AX5043 Datasheet HTML 8Page - ON Semiconductor AX5043 Datasheet HTML 9Page - ON Semiconductor AX5043 Datasheet HTML 10Page - ON Semiconductor AX5043 Datasheet HTML 11Page - ON Semiconductor AX5043 Datasheet HTML 12Page - ON Semiconductor AX5043 Datasheet HTML 13Page - ON Semiconductor AX5043 Datasheet HTML 14Page - ON Semiconductor AX5043 Datasheet HTML 15Page - ON Semiconductor AX5043 Datasheet HTML 16Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 47 page
background image
AX5043
www.onsemi.com
12
Table 10. TRANSMITTER
Symbol
Description
Condition
Min
Typ
Max
Units
SBR
Signal bit rate
0.1
125
kbps
PTX
Transmitter power @ 868 MHz
Differential PA, 50 W single
ended measurement at an
SMA connector behind the
matching network, Note 2
−10
16
dBm
Transmitter power @ 433 MHz
−10
16
Transmitter power @ 169 MHz
−10
16
PTXstep
Programming step size output power
Note 1
0.5
dB
dTXtemp
Transmitter power variation vs. tempera-
ture
−40°C to +85°C
Note 2
± 0.5
dB
dTXVdd
Transmitter power variation vs. VDD_IO
1.8 to 3.6 V
Note 2
± 0.5
dB
Padj
Adjacent channel power
GFSK BT = 0.5, 500 Hz deviation,
1.2 kbps, 25 kHz channel spacing,
10 kHz channel BW
868 MHz
−44
dBc
433 MHz
−51
PTX868−harm2
Emission @ 2nd harmonic
868 MHz, Note 2
−40
dBc
PTX868−harm3
Emission @ 3rd harmonic
−60
PTX433−harm2
Emission @ 2nd harmonic
433 MHz, Note 2
−40
dBc
PTX433−harm3
Emission @ 3rd harmonic
−40
1. Pout +
TXPWRCOEFFB
212*1
Pmax
2. 50 W single ended measurements at an SMA connector behind the matching network. For recommended matching networks see
section: Application Information.
Table 11. RECEIVER SENSITIVITIES
The table lists typical input sensitivities (without FEC) in dBm at the SMA connector with the complete matching network for BER=10−3 at
433 or 868 MHz.
Data rate
[kbps]
FSK
h = 0.66
FSK
h = 1
FSK
h = 2
FSK
h = 4
FSK
h = 5
FSK
h = 8
FSK
h = 16
PSK
0.1
Sensitivity [dBm]
−135
−134.5
−132.5
−133
−133.5
−133
−132.5
−138
RX Bandwidth [kHz]
0.2
0.2
0.3
0.5
0.6
0.9
2.1
0.2
Deviation [kHz]
0.033
0.05
0.1
0.2
0.25
0.4
0.8
1
Sensitivity [dBm]
−126
−125
−123
−123.5
−124
−123.5
−122.5
−130
RX Bandwidth [kHz]
1.5
2
3
6
7
11
21
1
Deviation [kHz]
0.33
0.5
1
2
2.5
4
8
10
Sensitivity [dBm]
−117
−116
−113
−114
−113.5
−113
−120
RX Bandwidth [kHz]
15
20
30
50
60
110
10
Deviation [kHz]
3.3
5
10
20
25
40
100
Sensitivity [dBm]
−107
−105.5
−109
RX Bandwidth [kHz]
150
200
100
Deviation [kHz]
33
50
125
Sensitivity [dBm]
−105
−104
−108
RX Bandwidth [kHz]
187.5
200
125
Deviation [kHz]
42.3
62.5
1. Sensitivities are equivalent for 1010 data streams and PN9 whitened data streams.
2. RX bandwidths < 0.9 kHz cannot be achieved with an 48 MHz TCXO. A 16 MHz TCXO was used for all measurements at 0.1 kbps.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com