Electronic Components Datasheet Search
  English  ▼

X  

AX5043 Datasheet(PDF) 16 Page - ON Semiconductor

Part # AX5043
Description  Advanced High Performance ASK and FSK Narrow-band Transceiver for 27-1050 MHz Range
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX5043 Datasheet(HTML) 16 Page - ON Semiconductor

Back Button AX5043 Datasheet HTML 12Page - ON Semiconductor AX5043 Datasheet HTML 13Page - ON Semiconductor AX5043 Datasheet HTML 14Page - ON Semiconductor AX5043 Datasheet HTML 15Page - ON Semiconductor AX5043 Datasheet HTML 16Page - ON Semiconductor AX5043 Datasheet HTML 17Page - ON Semiconductor AX5043 Datasheet HTML 18Page - ON Semiconductor AX5043 Datasheet HTML 19Page - ON Semiconductor AX5043 Datasheet HTML 20Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 47 page
background image
AX5043
www.onsemi.com
16
CIRCUIT DESCRIPTION
The AX5043 is a true single chip ultra−low power
narrow−band CMOS transceiver for use in licensed and
unlicensed bands from 27 and 1050 MHz. The on−chip
transceiver consists of a fully integrated RF front−end with
modulator, and demodulator. Base band data processing is
implemented in an advanced and flexible communication
controller that enables user friendly communication via the
SPI interface.
AX5043 can be operated from a 1.8 V to 3.6 V power
supply over a temperature range of −40
°C to 85°C. It
consumes 7 − 48 mA for transmitting at 868 MHz carrier
frequency, 4 – 51 mA for transmitting at 169 MHz
depending on the output power. In receive operation AX
5043 consumes 9 − 11 mA at 868 MHz carrier frequency and
6.5 − 8.5 mA at 169 MHz.
The AX5043 features make it an ideal interface for
integration into various battery powered solutions such as
ticketing or as transceiver for telemetric applications e.g. in
sensors. As primary application, the transceiver is intended
for UHF radio equipment in accordance with the European
Telecommunication Standard Institute (ETSI) specification
EN 300 220−1 and the US Federal Communications
Commission (FCC) standard Title 47 CFR Part 15 as well as
Part 90. AX5043 is compliant with respective narrow−band
regulations. Additionally AX5043 is suited for systems
targeting compliance with Wireless M−Bus standard EN
13757−4:2005. Wireless M−Bus frame support (S, T, R) is
built−in.
AX5043 supports any data rate from 0.1 kbps to 125 kbps
for FSK, 4−FSK, GFSK, GMSK, MSK, ASK and PSK. To
achieve optimum performance for specific data rates and
modulation schemes several register settings to configure
the AX5043 are necessary, for details see the AXSEM
RadioLab Software which calculates the necessary register
settings and the AX5043 Programming Manual.
The AX5043 can be operated in two fundamentally
different modes.
In frame mode data is sent and received via the SPI port
in frames. Pre− and post−ambles as well as checksums can
be generated automatically. Interrupts control the data flow
between a micro−controller and the AX5043.
In wire mode the IC behaves as an extension of any wire.
The internal communication controller is disabled and the
modem data is directly available on a dedicated pin (DATA).
The bit clock is also output on a dedicated pin (DCLK). In
this mode the user can connect the data pin to any port of a
micro−controller or to a UART, but has to control coding,
checksums, pre and post ambles. The user can choose
between synchronous and asynchronous wire mode,
asynchronous wire mode performs RS232 start bit
recognition and re−synchronization for transmit.
Both modes can be used both for transmit and receive. In
both cases the AX5043 behaves as a SPI slave interface.
Configuration of the AX5043 is always done via the SPI
interface.
The receiver and the transmitter support multi−channel
operation for all data rates and modulation schemes.
Voltage Regulators
The AX5043 uses an on−chip voltage regulator system to
create stable supply voltages for the internal circuitry from
the primary supply VDD_IO. The I/O level of the digital
pins is VDD_IO.
Pins VDD_ANA are supplied for external decoupling of
the power supply used for the on−chip PA.
The voltage regulator system must be set into the
appropriate state before receive or transmit operations can
be initiated. This is handled automatically when
programming the device modes via the PWRMODE
register.
Register POWSTAT contains status bits that can be read
to check if the regulated voltages are ready (bit SVIO) or if
VDD_IO has dropped below the brown−out level of 1.3V
(bit SSUM).
In power−down mode the core supply voltages for digital
and analog functions are switched off to minimize leakage
power. Most register contents are preserved but access to the
FIFO is not possible and FIFO contents are lost. SPI access
to registers is possible, but at lower speed.
In deep−sleep mode all supply voltages are switched off.
All digital and analog functions are disabled. All register
contents are lost. To leave deep−sleep mode the pin SEL has
to be pulled low. This will initiate startup and reset of the
AX5043. Then the MISO line should be polled, as it will be
held low during initialization and will rise to high at the end
of the initialization, when the chip becomes ready for
operation.
Crystal Oscillator and TCXO Interface
The AX5043 is normally operated with an external
TCXO, which is required by most narrow−band regulation
with a tolerance of 0.5 ppm to 1.5 ppm depending on the
regulation. The on−chip crystal oscillator allows the use of
an inexpensive quartz crystal as the RF generation
subsystem’s timing reference when possible from a
regulatory point of view.
A wide range of crystal frequencies can be handled by the
crystal oscillator circuit. As the reference frequency impacts
both the spectral performance of the transmitter as well as
the current consumption of the receiver, the choice of
reference frequency should be made according to the
regulatory regime targeted by the application. For
guidelines see the separate Application Notes for usage of
AX5043 in compliance with various regulatory regimes.
The crystal or TCXO reference frequency should be
chosen so that the RF carrier frequency is not an integer
multiple of the crystal or TCXO frequency.
The oscillator circuit is enabled by programming the
PWRMODE register. At power−up it is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com