Electronic Components Datasheet Search
  English  ▼

X  

AX5043 Datasheet(PDF) 35 Page - ON Semiconductor

Part # AX5043
Description  Advanced High Performance ASK and FSK Narrow-band Transceiver for 27-1050 MHz Range
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX5043 Datasheet(HTML) 35 Page - ON Semiconductor

Back Button AX5043 Datasheet HTML 31Page - ON Semiconductor AX5043 Datasheet HTML 32Page - ON Semiconductor AX5043 Datasheet HTML 33Page - ON Semiconductor AX5043 Datasheet HTML 34Page - ON Semiconductor AX5043 Datasheet HTML 35Page - ON Semiconductor AX5043 Datasheet HTML 36Page - ON Semiconductor AX5043 Datasheet HTML 37Page - ON Semiconductor AX5043 Datasheet HTML 38Page - ON Semiconductor AX5043 Datasheet HTML 39Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 47 page
background image
AX5043
www.onsemi.com
35
Match to 50
W for Single−ended Antenna Pin
(868 / 915 / 433 MHz TX Operation)
Figure 11. Structure of the Single−ended Antenna Interface for TX Operation to 50 W Single−ended Equipment or
Antenna
IC Antenna
Pin
LT
LC
CT
CC
CF1
LF1
CA1
CA2
50 W single−ended
equipment or antenna
Table 30. TYPICAL COMPONENT VALUES
Frequency Band
LC [nH]
CC [pF]
CT [pF]
LT [nH]
CF1 [pF]
LF1 [nH]
CA1 [pF]
CA2 [pF]
868 / 915 MHz
18
nc
2.7
18
3.6
2.2
3.6
nc
433 MHz
100
nc
4.3
43
6.8
4.7
5.6
nc
Match to 50
W for Single−ended Antenna Pin
(169 MHz TX Operation)
Figure 12. Structure of the Single−ended Antenna Interface for TX Operation to 50 W Single−ended Equipment or
Antenna
IC Antenna
Pin
LT
LC
CT
CC
CF1
LF1
CA1
50 W single−ended
equipment or antenna
CA2
CF2
LF2
CA3
Table 31. TYPICAL COMPONENT VALUES
Frequency Band
LC
[nH]
CC
[pF]
CT
[pF]
LT
[nH]
CF1
[pF]
LF1
[nH]
CF2
[pF]
LF2
[nH]
CA1
[pF]
CA2
[pF]
CA3
[pF]
169 MHz
150
2.2
22
120
4.7
39
1.8
47
33
47
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com