Electronic Components Datasheet Search
  English  ▼

X  

AX5043 Datasheet(PDF) 18 Page - ON Semiconductor

Part # AX5043
Description  Advanced High Performance ASK and FSK Narrow-band Transceiver for 27-1050 MHz Range
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX5043 Datasheet(HTML) 18 Page - ON Semiconductor

Back Button AX5043 Datasheet HTML 14Page - ON Semiconductor AX5043 Datasheet HTML 15Page - ON Semiconductor AX5043 Datasheet HTML 16Page - ON Semiconductor AX5043 Datasheet HTML 17Page - ON Semiconductor AX5043 Datasheet HTML 18Page - ON Semiconductor AX5043 Datasheet HTML 19Page - ON Semiconductor AX5043 Datasheet HTML 20Page - ON Semiconductor AX5043 Datasheet HTML 21Page - ON Semiconductor AX5043 Datasheet HTML 22Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 47 page
background image
AX5043
www.onsemi.com
18
SYSCLK Output
The SYSCLK pin outputs either the reference clock signal
divided by a programmable power of two or the low power
oscillator clock. Division ratios from 1 to 1024 are possible.
For divider ratios > 1 the duty cycle is 50%. Bits
SYSCLK[4:0] in the PINFUNCSYSCLK register set the
divider ratio. The SYSCLK output can be disabled.
After power−up SYSCLK outputs 1/16 of the crystal
oscillator clock, making it possible to use this clock to boot
a micro−controller.
Power−on−Reset (POR)
AX5043 has an integrated power−on−reset block. No
external POR circuit is required.
After POR the AX5043 can be reset by first setting the SPI
SEL pin to high for at least 100 ns, then setting followed by
resetting the bit RST in the PWRMODE register.
After POR or reset all registers are set to their default
values.
RF Frequency Generation Subsystem
The RF frequency generation subsystem consists of a
fully integrated synthesizer, which multiplies the reference
frequency from the crystal oscillator to get the desired RF
frequency. The advanced architecture of the synthesizer
enables frequency resolutions of 1 Hz, as well as fast settling
times of 5 – 50
ms depending on the settings (see section AC
Characteristics). Fast settling times mean fast start−up and
fast RX/TX switching, which enables low−power system
design.
For receive operation the RF frequency is fed to the mixer,
for transmit operation to the power−amplifier.
The frequency must be programmed to the desired carrier
frequency.
The synthesizer loop bandwidth can be programmed, this
serves three purposes:
1. Start−up time optimization, start−up is faster for
higher synthesizer loop bandwidths
2. TX spectrum optimization, phase−noise at
300 kHz to 1 MHz distance from the carrier
improves with lower synthesizer loop bandwidths
3. Adaptation of the bandwidth to the data−rate. For
transmission of FSK and MSK it is required that
the synthesizer bandwidth must be in the order of
the data−rate.
VCO
An on−chip VCO converts the control voltage generated
by the charge pump and loop filter into an output frequency.
This frequency is used for transmit as well as for receive
operation. The frequency can be programmed in 1 Hz steps
in the FREQ registers. For operation in the 433 MHz band,
the RFDIV bit in the PLLVCODIV register must be
programmed.
The fully integrated VCO allows to operate the device in
the frequency ranges 800 – 1050 MHz and 400 – 525 MHz.
The carrier frequency range can be extended to 54 –
525 MHz and 27 – 262 MHz by using an appropriate
external inductor between device pins L1 and L2. The bit
VCO2INT in the PLLVCODIV register must be set high to
enter this mode.
It is also possible to use a fully external VCO by setting
bits VCO2INT = 0 and VCOSEL = 1 in the PLLVCODIV
register. A differential input at a frequency of double the
desired RF frequency must be input at device pins L1 and
L2. The control voltage for the VCO can be output at device
pin FILT when using external filter mode. The voltage range
of this output pin is 0 – 1.8 V.
This mode of operation is recommended for special
applications where the phase noise requirements are not met
when using the fully internal VCO or the internal VCO with
external inductor.
VCO Auto−Ranging
The AX5043 has an integrated auto−ranging function,
which allows to set the correct VCO range for specific
frequency generation subsystem settings automatically.
Typically it has to be executed after power−up. The function
is initiated by setting the RNG_START bit in the
PLLRANGINGA or PLLRANGINGB register. The bit is
readable and a 0 indicates the end of the ranging process.
Setting RNG_START in the PLLRANGINGA register
ranges the frequency in FREQA, while setting
RNG_START in the PLLRANGINGB register ranges the
frequency in FREQB. The RNGERR bit indicates the
correct execution of the auto−ranging.
VCO auto−ranging works with the fully integrated VCO
and with the internal VCO with external inductor.
Loop Filter and Charge Pump
The AX5043 internal loop filter configuration together
with the charge pump current sets the synthesizer loop band
width. The internal loop−filter has three configurations that
can be programmed via the register bits FLT[1:0] in registers
PLLLOOP or PLLLOOPBOOST the charge pump current
can be programmed using register bits PLLCPI[7:0] in
registers PLLCPI
or PLLCPIBOOST. Synthesizer
bandwidths are typically 50 – 500 kHz depending on the
PLLLOOP or PLLLOOPBOOST settings, for details see
the section: AC Characteristics.
The AX5043 can be setup in such a way that when the
synthesizer is started, the settings in the registers
PLLLOOPBOOST and PLLCPIBOOST are applied first
for a programmable duration before reverting to the settings
in PLLLOOP and PLLCPI
. This feature enables automated
fastest start−up.
Setting bits FLT[1:0] = 00 bypasses the internal loop filter
and the VCO control voltage is output to an external loop
filter at pin FILT. This mode of operation is recommended
for achieving lower bandwidths than with the internal loop
filter and for usage with a fully external VCO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com