Electronic Components Datasheet Search
  English  ▼

X  

AX5043 Datasheet(PDF) 24 Page - ON Semiconductor

Part # AX5043
Description  Advanced High Performance ASK and FSK Narrow-band Transceiver for 27-1050 MHz Range
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX5043 Datasheet(HTML) 24 Page - ON Semiconductor

Back Button AX5043 Datasheet HTML 20Page - ON Semiconductor AX5043 Datasheet HTML 21Page - ON Semiconductor AX5043 Datasheet HTML 22Page - ON Semiconductor AX5043 Datasheet HTML 23Page - ON Semiconductor AX5043 Datasheet HTML 24Page - ON Semiconductor AX5043 Datasheet HTML 25Page - ON Semiconductor AX5043 Datasheet HTML 26Page - ON Semiconductor AX5043 Datasheet HTML 27Page - ON Semiconductor AX5043 Datasheet HTML 28Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 47 page
background image
AX5043
www.onsemi.com
24
Table 27. SPI STATUS BITS
SPI Bit Cell
Meaning / Register Bit
Status
3
S12
FIFO UNDER
4
S11
THRESHOLD FREE (FIFOFREE > FIFOTHRESH)
5
S10
THRESHOLD COUNT (FIFOCOUNT > FIFOTHRESH)
6
S9
FIFO FULL
7
S8
FIFO EMPTY
8
S7
PWRGOOD (not BROWNOUT)
9
S6
PWR INTERRUPT PENDING
10
S5
RADIO EVENT PENDING
11
S4
XTAL OSCILLATOR RUNNING
12
S3
WAKEUP INTERRUPT PENDING
13
S2
LPOSC INTERRUPT PENDING
14
S1
GPADC INTERRUPT PENDING
15
S0
internal
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm.
SPI Timing
Figure 6. SPI 8 Bit Read/Write Access with Timing
Tsh
R/ W
SEL
CLK
MOSI
MISO
A6
A5
A4
A3
A2
A1
D7
A0
D6
D5
D4
D0
D1
D2
D3
D7
D6
D5
D4
D3
D2
D1
D0
S14
S13
S12
S11
S10
S9
S8
Tssd
Tco
Tss
Tck TchTcl
Th
Ts
Tssz
Figure 7. SPI 8 Bit Long Address Read/Write Access
R/W
SEL
CLK
MOSI
MISO
A6
A5
A4
A3
A2
A1
D7
A0
D6
D5
D4
D0
D1
D2
D3
D7
D6
D5
D4
D3
D2
D1
D0
S6
S5
S4
S3
S2
S1
S0
A11
A10
A9
A7
A8
S7
S14
S13 S12 S11
S10
S9
S8
Figure 8. SPI 16 Bit Long Read/Write Access
R/W
SEL
CLK
MOSI
MISO
D6
D5
D4
D3
D2
D1
D7
D0
D6
D5
D4
D0
D1
D2
D3
D7
D6
D5
D4
D3
D2
D1
D0
D6
D5
D4
D3
D2
D1
D0
A3
A2
A1
D7
A0
D7
S14 S13 S12 S11
S10
S9
S8
A6
A5
A4
Wire Mode Interface
In wire mode the transmitted or received data are
transferred from and to the AX5043 using the pins DATA
and DCLK. DATA is an input when transmitting and an
output when receiving.
The direction can be chosen by programming the
PWRMODE register.
Wire mode offers two variants: synchronous or
asynchronous.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com