Electronic Components Datasheet Search
  English  ▼

X  

AX5043 Datasheet(PDF) 25 Page - ON Semiconductor

Part # AX5043
Description  Advanced High Performance ASK and FSK Narrow-band Transceiver for 27-1050 MHz Range
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX5043 Datasheet(HTML) 25 Page - ON Semiconductor

Back Button AX5043 Datasheet HTML 21Page - ON Semiconductor AX5043 Datasheet HTML 22Page - ON Semiconductor AX5043 Datasheet HTML 23Page - ON Semiconductor AX5043 Datasheet HTML 24Page - ON Semiconductor AX5043 Datasheet HTML 25Page - ON Semiconductor AX5043 Datasheet HTML 26Page - ON Semiconductor AX5043 Datasheet HTML 27Page - ON Semiconductor AX5043 Datasheet HTML 28Page - ON Semiconductor AX5043 Datasheet HTML 29Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 47 page
background image
AX5043
www.onsemi.com
25
In synchronous wire mode the, the AX5043 always drives
DCLK. Transmit data must be applied to DATA
synchronously to DCLK, and receive data must be sampled
synchronously to DCLK. Timing is given in Figure 9. In
asynchronous wire mode, a low voltage RS232 type UART
can be connected to DATA. DCLK is optional in this mode.
The UART must be programmed to send two stop bits, but
must be able to accept only one stop bit. Both the UART data
rate and the AX5043 transmit and receive bit rate must
match. The AX5043 synchronizes the RS232 signal to its
internal transmission clock, by inserting or deleting a stop
bit.
Wiremode is also available in 4−FSK mode. The two bits
that encode one symbol are serialized on the DATA pin. The
PWRAMP pin can be used as a synchronisation pin to allow
symbol (dibit) boundaries to be reconstructed. Gray coding
is used to reduce the number of bit errors in case of a wrong
decision. The AXSEM RadioLab software calculates the
necessary register settings for best performance and details
can be found in the AX5043 Programming Manual.
Registers for setting up the AX5043 are programmed via
the serial peripheral interface (SPI).
Wire Mode Timing
Figure 9. Wire Mode Interface Timing
Tdh
DCLK (DCLKI=0)
DATA (RX)
DCLK (DCLKI=1)
Tdco
DATA (TX)
Tdch Tdcl
Tdck
Tds
General Purpose ADC (GPADC)
The AX5043 features a general purpose ADC. The ADC
input pins are GPADC1 and GPADC2. The ADC converts
the voltage difference applied between pins GPADC1 and
GPADC2. If pin GPADC2 is left open, the ADC converts the
difference between an internally generated value of 800 mV
and the voltage applied at pin GPADC1.
The GPADC can only be used if the receiver is disabled.
To enable the GPADC write 1 to the GPADC13 bit in the
GPADCCTRL register. To start a single conversion, write 1
to the BUSY bit in the GPADCCTRL register. Then wait for
the BUSY bit to clear, or the GPADC Interrupt to be asserted.
The GPADC Interrupt is cleared by reading the result
register GPADC13VALUE.
If continuous sampling is desired, set the CONT bit in
register GPADCCTRL. The desired sampling rate can be
specified in the GPADCPERIOD register.
SD DAC
One digital Pin (ANTSEL or PWRAMP) may be used as
a
SD Digital−to−Analog Converter. A simple RC lowpass
filter is needed to smooth the output. The DAC may be used
to output RSSI, many demodulator variables, or a constant
value under software control.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com