Electronic Components Datasheet Search
  English  ▼

X  

AX5043 Datasheet(PDF) 33 Page - ON Semiconductor

Part # AX5043
Description  Advanced High Performance ASK and FSK Narrow-band Transceiver for 27-1050 MHz Range
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX5043 Datasheet(HTML) 33 Page - ON Semiconductor

Back Button AX5043 Datasheet HTML 29Page - ON Semiconductor AX5043 Datasheet HTML 30Page - ON Semiconductor AX5043 Datasheet HTML 31Page - ON Semiconductor AX5043 Datasheet HTML 32Page - ON Semiconductor AX5043 Datasheet HTML 33Page - ON Semiconductor AX5043 Datasheet HTML 34Page - ON Semiconductor AX5043 Datasheet HTML 35Page - ON Semiconductor AX5043 Datasheet HTML 36Page - ON Semiconductor AX5043 Datasheet HTML 37Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 47 page
background image
AX5043
www.onsemi.com
33
Table 28. CONTROL REGISTER MAP
Bit
Add
Description
0
1
2
3
4
5
6
7
Reset
Ret
Dir
Name
228
TMGRXRSSI
RW R
00000000 TMGRXRSSIE
TMGRXRSSIM
Receiver RSSI Settling
Time
229
TMGRXPREAM-
BLE1
RW R
00000000 TMGRXPREAMBLE1E
TMGRXPREAMBLE1M
Receiver Preamble 1
Timeout
22A TMGRXPREAM-
BLE2
RW R
00000000 TMGRXPREAMBLE2E
TMGRXPREAMBLE2M
Receiver Preamble 2
Timeout
22B TMGRXPREAM-
BLE3
RW R
00000000 TMGRXPREAMBLE3E
TMGRXPREAMBLE3M
Receiver Preamble 3
Timeout
22C RSSIREFEREN-
CE
RW R
00000000 RSSIREFERENCE
RSSI Offset
22D RSSIABSTHR
RW R
00000000 RSSIABSTHR
RSSI Absolute Thresh-
old
22E BGNDRSSIGAI-
N
RW R
––––0000 –
–
–
–
BGNDRSSIGAIN
Background RSSI Av-
eraging Time Constant
22F
BGNDRSSITHR RW R
––000000 –
–
BGNDRSSITHR
Background RSSI Rel-
ative Threshold
230
PKTCHUNKSIZ-
E
RW R
––––0000 –
–
–
–
PKTCHUNKSIZE(3:0)
Packet Chunk Size
231
PKTMISCFLAG-
S
RW R
–––00000 –
–
–
WOR
MULTI
PKT
AGC SETTL
DET
BGND
RSSI
RXAGC
CLK
RXRSSI
CLK
Packet Controller Mis-
cellaneous Flags
232
PKTSTOREFLA-
GS
RW R
–0000000 –
ST ANT
RSSI
ST CRCB
ST RSSI
ST DR
ST
RFOFFS
ST FOFFS ST
TIMER
Packet Controller Store
Flags
233
PKTACCEPTFL-
AGS
RW R
––000000 –
–
ACCPT
LRGP
ACCPT
SZF
ACCPT AD-
DRF
ACCPT CR-
CF
ACCPT
ABRT
ACCPT
RESIDUE
Packet Controller Ac-
cept Flags
Special Functions
General Purpose ADC
300
GPADCCTRL
RW R
––000000 BUSY
–
0
0
0
GPADC13
CONT
CH ISOL
General Purpose ADC
Control
301
GPADCPERIOD RW R
00111111
GPADCPERIOD(7:0)
GPADC Sampling Peri-
od
308
GPADC13VALU-
E1
R
–––––––– –
–
–
–
–
–
GPADC13VALUE(9:8)
GPADC13 Value
309
GPADC13VALU-
E0
R
–––––––– GPADC13VALUE(7:0)
GPADC13 Value
Low Power Oscillator Calibration
310
LPOSCCONFIG RW
00000000 LPOSC
OSC IN-
VERT
LPOSC
OSC DOU-
BLE
LPOSC
CALIBR
LPOSC
CALIBF
LPOSC
IRQR
LPOSC
IRQF
LPOSC
FAST
LPOSC
ENA
Low Power Oscillator
Configuration
31
LPOSCSTATUS R
–––––––– –
–
–
–
–
–
LPOSC
IRQ
LPOSC
EDGE
Low Power Oscillator
Status
312
LPOSCKFILT1
RW
00100000 LPOSCKFILT(15:8)
Low Power Oscillator
Calibration Filter Con-
stant
313
LPOSCKFILT0
RW
11000100 LPOSCKFILT(7:0)
Low Power Oscillator
Calibration Filter Con-
stant
314
LPOSCREF1
RW
01100001 LPOSCREF(15:8)
Low Power Oscillator
Calibration Reference
315
LPOSCREF0
RW
10101000 LPOSCREF(7:0)
Low Power Oscillator
Calibration Reference
316
LPOSCFREQ1
RW
00000000 LPOSCFREQ(9:2)
Low Power Oscillator
Calibration Frequency
317
LPOSCFREQ0
RW
0000–––– LPOSCFREQ(1:−2)
–
–
–
–
Low Power Oscillator
Calibration Frequency
318
LPOSCPER1
RW
–––––––– LPOSCPER(15:8)
Low Power Oscillator
Calibration Period
319
LPOSCPER0
RW
–––––––– LPOSCPER(7:0)
Low Power Oscillator
Calibration Period
DAC
330
DACVALUE1
RW R
––––0000 –
–
–
–
DACVALUE(11:8)
DAC Value
331
DACVALUE2
RW R
00000000 DACVALUE(7:0)
DAC Value
332
DACCONFIG
RW R
00––0000 DAC
PW-
M
DAC CLK X2 –
–
DACINPUT(3:0)
DAC Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com