Electronic Components Datasheet Search
  English  ▼

X  

AX5043 Datasheet(PDF) 31 Page - ON Semiconductor

Part # AX5043
Description  Advanced High Performance ASK and FSK Narrow-band Transceiver for 27-1050 MHz Range
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX5043 Datasheet(HTML) 31 Page - ON Semiconductor

Back Button AX5043 Datasheet HTML 27Page - ON Semiconductor AX5043 Datasheet HTML 28Page - ON Semiconductor AX5043 Datasheet HTML 29Page - ON Semiconductor AX5043 Datasheet HTML 30Page - ON Semiconductor AX5043 Datasheet HTML 31Page - ON Semiconductor AX5043 Datasheet HTML 32Page - ON Semiconductor AX5043 Datasheet HTML 33Page - ON Semiconductor AX5043 Datasheet HTML 34Page - ON Semiconductor AX5043 Datasheet HTML 35Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 47 page
background image
AX5043
www.onsemi.com
31
Table 28. CONTROL REGISTER MAP
Bit
Add
Description
0
1
2
3
4
5
6
7
Reset
Ret
Dir
Name
15C FREQDEV13
RW R
––––0000 –
–
–
–
FREQDEV3(11:8)
Receiver Frequency
Deviation
15D FREQDEV03
RW R
00100000 FREQDEV3(7:0)
Receiver Frequency
Deviation
15E FOURFSK3
RW R
–––11010 –
–
–
DEV UP-
DATE3
DEVDECAY3(3:0)
Four FSK Control
15F
BBOFFSRES3
RW R
10001000 RESINTB3(3:0)
RESINTA3(3:0)
Baseband Offset Com-
pensation Resistors
Transmitter Parameters
160
MODCFGF
RW R
––––––00 –
–
–
–
–
–
FREQ SHAPE
Modulator Configura-
tion F
161
FSKDEV2
RW R
00000000 FSKDEV(23:16)
FSK Frequency Devia-
tion
162
FSKDEV1
RW R
00001010 FSKDEV(15:8)
FSK Frequency Devia-
tion
163
FSKDEV0
RW R
00111101 FSKDEV(7:0)
FSK Frequency Devia-
tion
164
MODCFGA
RW R
0000–101 BROWN
GATE
PTTLCK
GATE
SLOW RAMP
–
AMPL
SHAPE
TX SE
TX DIFF
Modulator Configura-
tion A
165
TXRATE2
RW R
00000000 TXRATE(23:16)
Transmitter Bitrate
166
TXRATE1
RW R
00101000 TXRATE(15:8)
Transmitter Bitrate
167
TXRATE0
RW R
11110110
TXRATE(7:0)
Transmitter Bitrate
168
TXPWRCOEFF-
A1
RW R
00000000 TXPWRCOEFFA(15:8)
Transmitter Predistor-
tion Coefficient A
169
TXPWRCOEFF-
A0
RW R
00000000 TXPWRCOEFFA(7:0)
Transmitter Predistor-
tion Coefficient A
16A TXPWRCOEFF-
B1
RW R
00001111 TXPWRCOEFFB(15:8)
Transmitter Predistor-
tion Coefficient B
16B TXPWRCOEFF-
B0
RW R
11111111
TXPWRCOEFFB(7:0)
Transmitter Predistor-
tion Coefficient B
16C TXPWRCOEFF-
C1
RW R
00000000 TXPWRCOEFFC(15:8)
Transmitter Predistor-
tion Coefficient C
16D TXPWRCOEFF-
C0
RW R
00000000 TXPWRCOEFFC(7:0)
Transmitter Predistor-
tion Coefficient C
16E TXPWRCOEFF-
D1
RW R
00000000 TXPWRCOEFFD(15:8)
Transmitter Predistor-
tion Coefficient D
16F
TXPWRCOEFF-
D0
RW R
00000000 TXPWRCOEFFD(7:0)
Transmitter Predistor-
tion Coefficient D
170
TXPWRCOEFF-
E1
RW R
00000000 TXPWRCOEFFE(15:8)
Transmitter Predistor-
tion Coefficient E
171
TXPWRCOEFF-
E0
RW R
00000000 TXPWRCOEFFE(7:0)
Transmitter Predistor-
tion Coefficient E
PLL Parameters
180
PLLVCOI
RW R
0–010010 VCOIE
–
VCOI(5:0)
VCO Current
181
PLLVCOIR
RW R
–––––––– –
–
VCOIR(5:0)
VCO Current Read-
back
182
PLLLOCKDET
RW R
–––––011 LOCKDETDLYR
–
–
–
LOCK DET
DLYM
LOCKDETDLY
PLL Lock Detect Delay
183
PLLRNGCLK
RW R
–––––011 –
–
–
–
–
PLLRNGCLK(2:0)
PLL Ranging Clock
Crystal Oscillator
184
XTALCAP
RW R
00000000 XTALCAP(7:0)
Crystal Oscillator Load
Capacitance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com