Electronic Components Datasheet Search
  English  ▼

X  

XGS Datasheet(PDF) 44 Page - ON Semiconductor

Part # XGS
Description  XGS 12000, XGS 9400 and XGS 8000 Global Shutter CMOS Image Sensors
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

XGS Datasheet(HTML) 44 Page - ON Semiconductor

Back Button XGS Datasheet HTML 40Page - ON Semiconductor XGS Datasheet HTML 41Page - ON Semiconductor XGS Datasheet HTML 42Page - ON Semiconductor XGS Datasheet HTML 43Page - ON Semiconductor XGS Datasheet HTML 44Page - ON Semiconductor XGS Datasheet HTML 45Page - ON Semiconductor XGS Datasheet HTML 46Page - ON Semiconductor XGS Datasheet HTML 47Page - ON Semiconductor XGS Datasheet HTML 48Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 53 page
background image
XGS Family
www.onsemi.com
44
HISPI ELECTRICAL SPECIFICATION
The XGS sensor from ON Semiconductor supports SLVS
mode only. SLVS is typically meant only for short
transmission line connections, with the advantage that SLVS
drivers consume less power. Tables 26, 27 and 28 detail the
physical layer electrical specifications, refer to the HiSPi
Physical Layer Specification V2.00.00 (AND9509/D) for
electrical definitions and timing information. Note that the
VDD_SLVS supply in this datasheet corresponds to
VDD_TX in the HiSPi Physical Layer Specification.
Similarly, VDD_IO is equivalent to VDD_HiSPi as
referenced in the specification.
Table 4 in the HiSPi Physical Layer specification
v2.00.00 (AND9509/D) document sets the maximum
PHY−to−PHY skew to 2.1 UI. The XGS products adhere to
this specification when looking at all HiSPi data and HiSPi
clock lanes on the same side of the sensor. The maximum
PHY−to−PHY skew between any odd clock lane and any
odd data lane is 2.1 UI. The same holds for the skew between
any even clock lane and any even data lane.
However the maximum PHY−to−PHY skew between any
odd clock lane and any even data lane, or between any even
clock lane and any odd data lane, can be maximum 4 pixels.
The maximum value for this depends on the mux mode that
is used. In 4:4 mux mode, the maximum is 1 pixel. In 4:2
mux mode, the maximum is 2 pixels. And in 4:1 mux mode,
the maximum is 4 pixels.
Note that the HiSPi implementation in XGS is limited to
the Packetized SP protocol only.
Figure 55. HiSPi DC Parameters
D_CLK_p / DAT A_p
D_CLK_n / DAT A_n
VOD
VCM
D_CLK_p
D_CLK_n
Table 26. HISPI DC SPECIFICATIONS (VDD_SLVS = 0.4 V)
Symbol
Parameter
Min
Typ
Max
Unit
VDD_SLVS
HiSPi Power Supply
0.35
0.4
0.45
V
VOD
Input Differential Voltage (RIN = 100 W)
0.4 * VDD_SLVS
0.5 * VDD_SLVS
0.6 * VDD_SLVS
V
VCM
Input Common Mode Range
(RIN = 100 W)
0.45 * VDD_SLVS
0.5 * VDD_SLVS
0.55 * VDD_SLVS
V
RIN
Termination Resistor
100
W
Output Impedance
Output Impedance per Pin
35
50
70
W
Table 27. DIFFERENTIAL DATA OUTPUT DC SPECIFICATIONS (VDD_SLVS = 1.2 V)
Symbol
Parameter
Min
Typ
Max
Unit
VDD_SLVS
HiSPi Power Supply
1.1
1.2
1.3
V
VOD
Input Differential Voltage (RIN = 100 W)
0.3
0.35
0.4
V
VCM
Input Common Mode Range (RIN =
100 W)
0.3
0.35
0.4
V
RIN
Termination Resistor
100
W
Output Impedance
Output Impedance per Pin
35
50
70
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com