Electronic Components Datasheet Search
  English  ▼

X  

XGS Datasheet(PDF) 17 Page - ON Semiconductor

Part # XGS
Description  XGS 12000, XGS 9400 and XGS 8000 Global Shutter CMOS Image Sensors
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

XGS Datasheet(HTML) 17 Page - ON Semiconductor

Back Button XGS Datasheet HTML 13Page - ON Semiconductor XGS Datasheet HTML 14Page - ON Semiconductor XGS Datasheet HTML 15Page - ON Semiconductor XGS Datasheet HTML 16Page - ON Semiconductor XGS Datasheet HTML 17Page - ON Semiconductor XGS Datasheet HTML 18Page - ON Semiconductor XGS Datasheet HTML 19Page - ON Semiconductor XGS Datasheet HTML 20Page - ON Semiconductor XGS Datasheet HTML 21Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 53 page
background image
XGS Family
www.onsemi.com
17
SENSOR STATES
After Power−Up and while the RESET_N pin is driven
low, the image sensor enters a RESET state until the
RESET_N signal is de−asserted.
Once the RESET_N pin is driven high, the sensor will
start loading the default configuration, stored in the on−chip
memory, into its configuration registers before it enters the
SLEEP state. While the sensor is in the SLEEP state, the
registers can be programmed using the serial interface. To
exit the SLEEP state and enter STANDBY mode, the
reset_register_reg (R0x3700) needs to be set to 0x001C.
This register upload enables all analog blocks (including the
on−chip PLL) and as soon as the sensor_status_reg
(R0x3706) returns value 0xEB, the sensor is in STANDBY
state.
When in STANDBY mode and upon user intervention the
training patterns or IDLE words can be sent over the video
interface allowing receiver locking. Once the host is ready
to receive image data, the sensor’s sequencer can be enabled.
Depending on the configured operation mode, the sensor
will either wait for user interaction or start grabbing images
autonomously (CAPTURE). Disabling the sequencer
moves the sensor state back to STANDBY. When disabling
the PLL and analog blocks while in STANDBY state, the
state machine will transition back to the SLEEP state.
Asserting the RESET_N pin forces the sensor to enter the
RESET state, regardless of the current state.
The sensor state diagram is shown in Figure 11.
Figure 11. Sensor State Diagram
RESET_N de−asserted −> internal initialization start
R0x3706 = 0xEB?? −> Initialization complete
*
*The sleep mode functionality is not available. Please use the standby mode when the sensor is idle. Technical details on this issue can be
found in the developer guide.
Table 6. TYPICAL TRANSITION TIMES
Sensor State
Transition Time
Description
POWER−DOWN
25 ms
Time required to transition from POWER−DOWN to CAPTURE state.
SLEEP
10 ms
Time required to transition from SLEEP to CAPTURE state.
STANDBY
< 16 line times
Time required to transition from STANDBY to CAPTURE state.
WAIT_ON_TRIGGER
2 line times + Synchroniza-
tion Delay (< 50 ns)
Time required to transition from WAIT_ON_TRIGGER to CAPTURE (upon
trigger action). A minimum delay of one line time will be added.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com