Electronic Components Datasheet Search
  English  ▼

X  

XGS Datasheet(PDF) 47 Page - ON Semiconductor

Part # XGS
Description  XGS 12000, XGS 9400 and XGS 8000 Global Shutter CMOS Image Sensors
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

XGS Datasheet(HTML) 47 Page - ON Semiconductor

Back Button XGS Datasheet HTML 43Page - ON Semiconductor XGS Datasheet HTML 44Page - ON Semiconductor XGS Datasheet HTML 45Page - ON Semiconductor XGS Datasheet HTML 46Page - ON Semiconductor XGS Datasheet HTML 47Page - ON Semiconductor XGS Datasheet HTML 48Page - ON Semiconductor XGS Datasheet HTML 49Page - ON Semiconductor XGS Datasheet HTML 50Page - ON Semiconductor XGS Datasheet HTML 51Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 53 page
background image
XGS Family
www.onsemi.com
47
COVER GLASS
Figure 58. Cover Glass Transmission Curve
0
10
20
30
40
50
60
70
80
90
100
300
400
500
600
700
800
900
1000
1100
WAVELENGTH (nm)
Table 30. COVER GLASS SPECIFICATIONS
Parameter
Specification
Material
D263 T−ECO
Refractive Index (@ 550 nm)
1.5255
Luminous Transmittance (@ D65)
91% (0.55 mm Thickness)
Density (@ 40°C)
2.51 g/cm3
Linear Thermal Coefficient (20°C − 300°C)
7.2 x 10−6/K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com