| Electronic Components Datasheet Search |
|
XGS Datasheet(PDF) 27 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
XGS Datasheet(HTML) 27 Page - ON Semiconductor |
|
27 / 53 page ![]() XGS Family www.onsemi.com 27 WAIT_ON_TRIGGER state, in which it is ready to accept a new trigger event. Note that this mode is available for both triggered and non−triggered global shutter modes and it can be combined with the use of multiple contexts. When using multiple contexts it is also possible to configure the number of desired frames per context. The sequencer cycles through the active contexts and generates as many frames as configured per context. When retriggered, the sequencer reinitializes the frame properties and starts the readout from a fresh state (i.e. does not continue from where it ended in the previous batch). LINE TRIGGERED READOUT Figure 22. Line Triggered Readout Idle Integrating Readout EFOT EFOT Frame N Frame N+1 Exposure State TRIG_INT TRIG_RD (No effect on falling edge) = Start of New Line = Readout SFOT Reset Idle Integrating EFOT EFOT SFOT Reset EFOT EFOT integration length The line triggered readout mode is enabled when line_trigger_en is asserted and frame_trigger_en is deasserted. The line triggered readout mode is comparable to frame triggered readout, but in this mode only one line is read out for each trigger. Note that a trigger is latched and interpreted during the following line period if the sensor is retriggered during readout. Line triggered readout is to be used in conjunction with triggered integration modes. Features Overview The XGS family has a wide array of features to enhance functionality or to increase versatility. A summary of features follows. RESET The RESET_N input (pin F8) is an active low control input for asynchronous hard reset. During the power−up period, RESET_N must be asserted, then must be deasserted after the power supplies are settled. The minimum RESET_N assert time is 30 EXTCLK cycles. MONITOR OUTPUTS The XGS sequencer provides three monitor outputs (pins E8, D8 and D7) which can be used to monitor the internal states of the sequencer. The monitor signals can be configured separately for each monitor output. CONTEXT SWITCHING XGS supports up to three contexts which allow the user to program a number of configurations and let the sensor cycle through these. Switching from one context to another is done at the start of a frame and cannot corrupt the ongoing readout. The registers that control the switching are grouped in the contexts_reg. The active context switching can be done manually by changing the value in the active_contexts register or the sequencer can take control. If programmed, the sequencer will cycle through two or three contexts sequentially as depicted in Figures 23 and 24. • Two Context Switching (context_reg.active_contexts = 0x3) context 0 → context 1 → context 0... Context 0 Context 1 Figure 23. Two Context Switching • Three Context Switching (context_reg.active_contexts = 0x7) context 0 → context 1 → context 2 → context 0... Context 0 Context 1 Context 2 Figure 24. Three Context Switching • Multiple Frame Context Switching In addition to defining up to three contexts, the number |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |