Electronic Components Datasheet Search
  English  ▼

X  

XGS Datasheet(PDF) 22 Page - ON Semiconductor

Part # XGS
Description  XGS 12000, XGS 9400 and XGS 8000 Global Shutter CMOS Image Sensors
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

XGS Datasheet(HTML) 22 Page - ON Semiconductor

Back Button XGS Datasheet HTML 18Page - ON Semiconductor XGS Datasheet HTML 19Page - ON Semiconductor XGS Datasheet HTML 20Page - ON Semiconductor XGS Datasheet HTML 21Page - ON Semiconductor XGS Datasheet HTML 22Page - ON Semiconductor XGS Datasheet HTML 23Page - ON Semiconductor XGS Datasheet HTML 24Page - ON Semiconductor XGS Datasheet HTML 25Page - ON Semiconductor XGS Datasheet HTML 26Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 53 page
background image
XGS Family
www.onsemi.com
22
Table 9. INTEGRATION AND FRAME TIMING PARAMETERS
Name
Description
line_time
Duration of one line, expressed in logic clock cycles.
The minimum line time shall be dictated by the A/D conversion time and readout time (whichever
is larger).
frame_length
Defines the total frame time as frame_length * line_time logic clock periods. This parameter
needs to be configured large enough such that both the integration control operations (i.e. SFOT,
EFOT and configured integration time) and the readout operations (ROI readout + black lines)
can happen.
integration_coarse
Defines the coarse part of the integration time. Total integration time in logic clock periods is inte-
gration_coarse * line_time + integration_fine
integration_fine
Defines the fine part of the integration time. Total integration time in logic clock periods is integra-
tion_coarse * line_time + integration_fine
integration_offset_coarse
Offset between the Sequencer induced SFOT period and the start of the SFOT, expressed in line
periods.
The total integration offset time, expressed in logic clock cycles, is defined as integration_off-
set_coarse * line_time.
This parameter allows to increase the latency between a trigger event and the effective start of
integration in triggered modes.
The frame parameters and their relations are depicted in
Figure 16 below. Note that the green area depicts the readout
of regular lines (black reference / ROI defined image lines),
while the grey area represents the access to dummy lines (no
image data). The shaded green part represents the line
periods during which the control and datapath pipeline is
flushed.
Minimum integration time limitations are listed in
Table 10.
Figure 16. Frame Timing and Exposure Parameters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com