Electronic Components Datasheet Search
  English  ▼

X  

XGS Datasheet(PDF) 45 Page - ON Semiconductor

Part # XGS
Description  XGS 12000, XGS 9400 and XGS 8000 Global Shutter CMOS Image Sensors
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

XGS Datasheet(HTML) 45 Page - ON Semiconductor

Back Button XGS Datasheet HTML 41Page - ON Semiconductor XGS Datasheet HTML 42Page - ON Semiconductor XGS Datasheet HTML 43Page - ON Semiconductor XGS Datasheet HTML 44Page - ON Semiconductor XGS Datasheet HTML 45Page - ON Semiconductor XGS Datasheet HTML 46Page - ON Semiconductor XGS Datasheet HTML 47Page - ON Semiconductor XGS Datasheet HTML 48Page - ON Semiconductor XGS Datasheet HTML 49Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 53 page
background image
XGS Family
www.onsemi.com
45
tCMPSKEW
DATA _(j)_p
DATA _(j)_n
DATA _(i)_p
DATA _(i)_n
tCHSKEW2PHY
tPW
tR
tF
tCLK
DCLK =tDiCLK/tCLK
tDiCLK
tDiCLK/2
tDiCLK/2
tDCHSKEW
D_CLK _p
D_CLK _n
tCLKJITTER
50%
80%
20%
Figure 56. Differential Data Output AC Parameters
Table 28. DIFFERENTIAL DATA OUTPUT AC SPECIFICATIONS (VDD_SLVS = 0.4 V, 1.2 V)
Parameter
Symbol
Min
Typ
Max
Unit
Data Rate
1/tDiCLK
–
777.6
–
Mbps
Clock Period
tCLK
–
2.57
–
ns
Data Period
tDiCLK
–
1.28
–
ns
Data Eye Width
tPW
0.6
0.8
–
UI
Clock Jitter
tCLKJITTER
–
40
50
ps
Rise Time
tR
–
310
–
ps
Fall Time
tF
–
310
–
ps
Clock Duty
DCLK
42
–
58
%
Clock to Data Skew within any PHY
tDCHSKEW
−0.1
–
0.1
UI
Skew between any Two PHY Clocks
tCHSKEW2PHY
−2.3
–
2.3
UI
Complementary Skew in Differential Pair
tCMPSKEW
−100
–
100
ps
20.One UI is defined as the normalized mean time between one edge and the following edge of the clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com