Electronic Components Datasheet Search
  English  ▼

X  

XGS Datasheet(PDF) 48 Page - ON Semiconductor

Part # XGS
Description  XGS 12000, XGS 9400 and XGS 8000 Global Shutter CMOS Image Sensors
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

XGS Datasheet(HTML) 48 Page - ON Semiconductor

Back Button XGS Datasheet HTML 44Page - ON Semiconductor XGS Datasheet HTML 45Page - ON Semiconductor XGS Datasheet HTML 46Page - ON Semiconductor XGS Datasheet HTML 47Page - ON Semiconductor XGS Datasheet HTML 48Page - ON Semiconductor XGS Datasheet HTML 49Page - ON Semiconductor XGS Datasheet HTML 50Page - ON Semiconductor XGS Datasheet HTML 51Page - ON Semiconductor XGS Datasheet HTML 52Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 53 page
background image
XGS Family
www.onsemi.com
48
CRA vs. Image Height Plot
Image Height
CRA
(%)
(mm)
(deg)
0
1
2
3
4
5
6
7
8
0
102030405060
708090
100
110
Image Height (%)
XGS 12000 CRA Characteristic
CRA
XGS 12000 Radius
XGS 8000 Radius
XGS 9400 Radius
Figure 59. XGS 12000 7.35CRA part Chief Ray Angle vs. Image Height Plot
0
0
0
5
0.410
0.37
10
0.819
0.73
15
1.229
1.10
20
1.638
1.46
25
2.048
1.83
30
2.458
2.19
35
2.867
2.56
40
3.277
2.92
45
3.686
3.29
50
4.096
3.65
55
4.506
4.02
60
4.915
4.38
65
5.325
4.75
70
5.734
5.11
75
6.144
5.48
80
6.554
5.84
85
6.963
6.21
90
7.373
6.57
95
7.782
6.94
100
8.192
7.30
2160 Pixels / 2
42.2
3.456
3.08
3072 Pixels / 2
60
4.915
4.38
4096 Pixels / 2
80
6.554
5.84
XGS 9400 Radius
84.8
6.951
6.19
XGS 8000 Radius
90.4
7.409
6.60
XGS 12000 Radius
100
8.192
7.30
Table 31. XGS 12000 ARRAY DIMENSIONS
Pixel size (µm)
Array Size (pixels)
Array Size (mm)
3.2
Xmax
4096
Xmax
13.107
Ymax
3072
Ymax
9.830
Diagonal
16.384



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com