Electronic Components Datasheet Search
  English  ▼

X  

XGS Datasheet(PDF) 37 Page - ON Semiconductor

Part # XGS
Description  XGS 12000, XGS 9400 and XGS 8000 Global Shutter CMOS Image Sensors
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

XGS Datasheet(HTML) 37 Page - ON Semiconductor

Back Button XGS Datasheet HTML 33Page - ON Semiconductor XGS Datasheet HTML 34Page - ON Semiconductor XGS Datasheet HTML 35Page - ON Semiconductor XGS Datasheet HTML 36Page - ON Semiconductor XGS Datasheet HTML 37Page - ON Semiconductor XGS Datasheet HTML 38Page - ON Semiconductor XGS Datasheet HTML 39Page - ON Semiconductor XGS Datasheet HTML 40Page - ON Semiconductor XGS Datasheet HTML 41Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 53 page
background image
XGS Family
www.onsemi.com
37
ELECTRICAL SPECIFICATIONS
Unless stated otherwise, the following specifications
apply to the following conditions:
VAA_PIX = VAA_PIX_BST = VAA_RD = 3.0 V;
VAA = VDD_PLL = 2.8 V;
VDD_IO = 1.8 V;
VDD = 1.2 V;
VDD_SLVS = 1.2 V;
EXTCLK = 32.4 MHz;
TA = 25°C;
TWO−WIRE SERIAL REGISTER INTERFACE
The electrical characteristics of the two−wire serial
register interface (SCLK, SDATA) are shown in Figure 49 and
Table 13.
SDATA
SCLK
S
Sr
P
S
tf
tr
tf
tr
tSU;DAT
tHD;STA
tSU;STO
tSU;STA
tBUF
tHD;DAT
tHIGH
tLOW
tHD;STA
NOTE: Read sequence: For an 8−bit READ, read waveforms start after WRITE command and register address are issued.
Figure 49. Two−Wire Serial Bus Timing Parameters
Table 13. TWO−WIRE SERIAL BUS CHARACTERISTICS
Parameter
Symbol
Standard Mode
Fast−Mode
Unit
Min
Max
Min
Max
SCLK Clock Frequency
fSCL
0
100
0
400
kHz
Hold Time (Repeated) START Condition
tHD;STA
4.0
*
0.6
*
ms
LOW Period of the SCLK Clock
tLOW
4.7
*
1.3
*
ms
HIGH Period of the SCLK Clock
tHIGH
4.0
*
0.6
*
ms
Set−up Time for a Repeated START Condition
tSU;STA
4.7
*
0.6
*
ms
Data Hold Time
tHD;DAT
0 (Note 11)
3.45
(Note 12)
0 (Note 13)
0.9
(Note 12)
ms
Data Set−up Time
tSU;DAT
250
*
100
(Note 13)
*
ns
Rise Time of both SDATA and SCLK Signals
tr
*
1000
20 + 0.1Cb
(Note 14)
300
ns
Fall Time of both SDATA and SCLK Signals
tf
*
300
20 + 0.1Cb
(Note 14)
300
ns
Set−up Time for STOP Condition
tSU;STO
4.0
*
0.6
*
ms
Bus Free Time between a STOP and START Condition
tBUF
4.7
*
1.3
*
ms
Capacitive Load for each Bus Line
Cb
*
400
*
400
pF
Serial Interface Input Pin Capacitance
CIN_SI
*
3.3
*
3.3
pF
SDATA Max Load Capacitance
CLOAD_SD
*
30
*
30
pF
SDATA Pull−up Resistor
RSD
1.5
4.7
1.5
4.7
kW
9. This table is based on I2C standard (v2.1 January 2000). Philips Semiconductor.
10.Two−wire control is I2C−compatible.
11. A device must internally provide a hold time of at least 300 ns for the SDATA signal to bridge the undefined region of the falling edge of SCLK.
12.The maximum tHD;DAT has only to be met if the device does not stretch the LOW period (tLOW) of the SCLK signal.
13.A Fast−mode I2C−bus device can be used in a Standard−mode I2C−bus system, but the requirement tSU;DAT 250 ns must then be met.
This will automatically be the case if the device does not stretch the LOW period of the SCLK signal. If such a device does stretch the LOW
period of the SCLK signal, it must output the next data bit to the SDATA line tr max + tSU;DAT = 1000 + 250 = 1250 ns (according to the Standard
mode I2C−bus specification) before the SCLK line is released.
14.Cb = total capacitance of one bus line in pF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com