Electronic Components Datasheet Search
  English  ▼

X  

TPS613761 Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS613761
Description  TPS61376 23-VIN, 25-VOUT, 4.5-A, Boost Converter with up to ±2.5% accuracy Input Average Current Limit and True Load Disconnection
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS613761 Datasheet(HTML) 4 Page - Texas Instruments

  TPS613761 Datasheet HTML 1Page - Texas Instruments TPS613761 Datasheet HTML 2Page - Texas Instruments TPS613761 Datasheet HTML 3Page - Texas Instruments TPS613761 Datasheet HTML 4Page - Texas Instruments TPS613761 Datasheet HTML 5Page - Texas Instruments TPS613761 Datasheet HTML 6Page - Texas Instruments TPS613761 Datasheet HTML 7Page - Texas Instruments TPS613761 Datasheet HTML 8Page - Texas Instruments TPS613761 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
6 Pin Configuration and Functions
VP
AGND
SW
VOUT
PGND
BOOT
VIN
EN/UVLO
ISEL
ILIM
COMP
FB
1
VCC
2
3
4
5
6
7
8
9
10
11
12
13
Figure 6-1. 13-Pin RYH VQFN Package (Top View)
Table 6-1. Pin Functions
PIN
I/O
DESCRIPTION
NAME
NUMBER
VIN
1
I
IC power supply input
EN/UVLO
2
I
Enable logic input and programmable input voltage undervoltage lockout (UVLO) input.
Logic high level enables the device. Logic low level disables the device and turns it
into shutdown mode. The converter start-up and shutdown levels can be programmed by
connecting this pin to the supply voltage through a resistor divider.
ISEL
3
I
Scale the ISO FET to improve input average current limit accuracy and adjust peak
switching current limit value.
ISEL = low when setting Ilimit ≤ 750 mA
ISEL = high, when setting Ilimit > 750 mA
VOUT
4
PWR
Boost converter output
VP
5
PWR
Drain of the ISO MOSFET
SW
6
PWR
The switching node pin. It is connected to the drain of the internal low-side power MOSFET
and the source of the internal ISO power MOSFET.
PGND
7
PWR
Power ground of the IC
FB
8
I
Output voltage feedback pin. Connect to the center tape of a resistor divider to program the
output voltage.
COMP
9
O
Output of the internal error amplifier. Connect the loop compensation network between this
pin and the AGND pin.
ILIM
10
I
Input average current limit setting pin. Use a resistor between this pin and AGND to set the
desired input average current limit threshold.
VCC
11
O
Output of the internal regulator. A ceramic capacitor of more than 1 μF is required between
this pin and AGND.
AGND
12
PWR
Analog ground of the IC
BOOT
13
O
Power supply for ISO MOSFET gate driver. A ceramic capacitor of more than 0.47 μF must
be connected between this pin and the SW pin.
TPS61376
SLVSGQ1A – JANUARY 2022 – REVISED SEPTEMBER 2022
www.ti.com
4
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TPS61376



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com