Electronic Components Datasheet Search
  English  ▼

X  

TPS613761 Datasheet(PDF) 6 Page - Texas Instruments

Part # TPS613761
Description  TPS61376 23-VIN, 25-VOUT, 4.5-A, Boost Converter with up to ±2.5% accuracy Input Average Current Limit and True Load Disconnection
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS613761 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS613761 Datasheet HTML 2Page - Texas Instruments TPS613761 Datasheet HTML 3Page - Texas Instruments TPS613761 Datasheet HTML 4Page - Texas Instruments TPS613761 Datasheet HTML 5Page - Texas Instruments TPS613761 Datasheet HTML 6Page - Texas Instruments TPS613761 Datasheet HTML 7Page - Texas Instruments TPS613761 Datasheet HTML 8Page - Texas Instruments TPS613761 Datasheet HTML 9Page - Texas Instruments TPS613761 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
7.5 Electrical Characteristics
TJ = -40 to 125°C, L = 4.7 µH, VIN = 5 V and VOUT = 12 V. Typical values are at TJ = 25°C, (unless otherwise noted)
PARAMETE
R
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER SUPPLY
VIN
Input voltage range
2.9
23
V
VIN_UVLO
VIN under voltage lockout threshold
VIN rising
2.8
2.9
V
VIN falling
2.6
2.7
V
VIN_HYS
VIN UVLO hysteresis
200
mV
IQ
Quiescent current into VOUT pin
IC enabled, no load, no switching
VIN =2.9V to 5.25V, VOUT = 25 V, VFB =
VREF + 0.1 V
80
110
µA
IQ
Quiescent current into VOUT pin
IC enabled, no load, no switching
VIN = 5.5 V to 23 V, VOUT = 25 V, VFB =
VREF + 0.1 V
2
8
µA
Quiescent current into VIN pin
IC enabled, no load, no switching
VIN =2.9V to 5.25V, VFB = VREF + 0.1 V
1.5
2
µA
IQ
Quiescent current into VIN pin
IC enabled, no load, no switching
VIN = 5.5 V to 23 V, VFB = VREF + 0.1 V
80
110
µA
VCC_UVLO
VCC UVLO threshold
VCC rising
2.75
V
VCC_HYS
VCC UVLO hysteresis
VCC hysteresis
160
mV
VCC
VCC regulation
IVCC = 4 mA, VOUT = 12 V
4.80
V
ISD
Shutdown current into VIN pin
IC disabled, VIN = 2.9 V to 23 V, EN =
GND
1.25
µA
ISW_LKG
Leakage current into SW
IC disabled, VP = 0 V, SW = 25 V,TJ up
to 85°C
2
uA
IVP_LKG
Leakage current into VP
IC disabled, VP = 25 V, SW = 0 V,TJ up
to 85°C
2
µA
IFB_LKG
Leakage current into FB
IC disabled, TJ up to 85°C
16
nA
OUTPUT VOLTAGE
VOVP
Output over-voltage protection threshold
VIN = 3.3 V, VOUT rising
26.5
27.5
28.6
V
VOVP_HYS
Output over-voltage protection hysteresis
VIN = 3.3 V, OVP threshold
0.9
V
VOLTAGE REFERENCE
VREF
Reference Voltage at FB pin
TJ = -40 to 125°C
0.985
1
1.015
V
POWER SWITCH
RDS(on)
Low-side MOSFET on resistance
VCC = 4.85 V,
50
mΩ
RDS(on)
ISO MOSFET on resistance
VCC = 4.85 V, ISEL = high
40
mΩ
RDS(on)
ISO MOSFET on resistance(scale)
VCC = 4.85 V, ISEL = low
160
mΩ
CURRENT LIMIT
ILIM_SW
Peak switching current limit
RLIM = 14.4 kΩ , ISEL=high ,VIN=2.9V to
23V
3.76
4.5
5.35
A
ILIM_SW
Peak switching current limit
RLIM = 14.4 kΩ , ISEL=low ,VIN=2.9V to
23V
1.7
2.5
3.3
A
ILIM_DC_Range Input DC current limit range
0.1
3
A
ILIM_DC_Accura
cy
Input DC current limit 1.5 A to 3.0 A
VIN = 5 V, VOUT = 12 V, TJ = 25°C
-2.5
2.5
%
ILIM_DC_Accura
cy
Input DC current limit 0.75 A to 1.5 A
VIN = 5 V, VOUT = 12 V, TJ = 25°C
-5
5
%
ILIM_DC_Accura
cy
Input DC current limit 0.1 A to 0.75 A
VIN = 5 V, VOUT = 12 V, TJ = 25°C
-10
10
%
ILIM_DC_Accura
cy
Input DC current limit 0.75 A to 3.0 A
VIN = 2.9 V to 23 V, VOUT = 4.5 V to 25
V, TJ = -40 to 125°C
-5
5
%
ILIM_DC_Accura
cy
Input DC current limit 0.2 A to 0.75 A
VIN = 2.9 V to 23 V, VOUT = 4.5 V to 25
V, TJ = -40 to 125°C
-10
10
%
ILIM_DC_Accura
cy
Input DC current limit 0.1 A to 0.2 A
VIN = 2.9 V to 23 V, VOUT = 4.5 V to 25
V, TJ = -40 to 125°C
-20
20
%
SWITCHING FREQUENCY
TPS61376
SLVSGQ1A – JANUARY 2022 – REVISED SEPTEMBER 2022
www.ti.com
6
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TPS61376



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com