Electronic Components Datasheet Search
  English  ▼

X  

TPS613761 Datasheet(PDF) 15 Page - Texas Instruments

Part # TPS613761
Description  TPS61376 23-VIN, 25-VOUT, 4.5-A, Boost Converter with up to ±2.5% accuracy Input Average Current Limit and True Load Disconnection
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS613761 Datasheet(HTML) 15 Page - Texas Instruments

Back Button TPS613761 Datasheet HTML 11Page - Texas Instruments TPS613761 Datasheet HTML 12Page - Texas Instruments TPS613761 Datasheet HTML 13Page - Texas Instruments TPS613761 Datasheet HTML 14Page - Texas Instruments TPS613761 Datasheet HTML 15Page - Texas Instruments TPS613761 Datasheet HTML 16Page - Texas Instruments TPS613761 Datasheet HTML 17Page - Texas Instruments TPS613761 Datasheet HTML 18Page - Texas Instruments TPS613761 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 27 page
background image
9.2.2 Detailed Design Procedure
9.2.2.1 Setting Output Voltage
The output voltage is set by an external resistor divider (R1, R2 in the Figure 9-1 circuit diagram). For the best
accuracy, R2 should be smaller than 500 kΩ to ensure the current flowing through R2 is at least 100 times larger
than the FB pin leakage current. Changing R2 to lower value increases the immunity against noise injection.
Changing R2 to higher values reduces the quiescent current to achieve higher efficiency at light load.
The value of R1 is then calculated as:
OUT
REF
2
1
REF
(V
V
) R
R
V
u
(5)
9.2.2.2 Inductor Selection
The selection of the inductor affects the steady state of the power supply operation, transient behavior, loop
stability, and boost converter efficiency, the inductor is the most important component in switching power
regulator design. The three most important specifications to the performance of the inductor are the inductance
value, DC resistance, and saturation current.
The TPS61376 is designed to work with inductor values between 2.2 µH and 10 µH. A 2.2-µH inductor is
typically available in a smaller or lower-profile package, while a 10-µH inductor produces lower inductor current
ripple. If the boost output current is limited by the peak current protection of the IC, using a bigger inductance
can maximize the output current capability of the converter.
Inductor values can have ±20% or even ±30% tolerance with 0-A bias current. When the inductor current
approaches saturation level, its inductance can decrease 20% to 35% from the value at 0-A bias current,
depending on how the inductor vendor defines saturation current. When selecting an inductor, make sure its
rated current, especially the saturation current, is larger than boost converter peak current under all operating
conditions.
Normally, it is advisable to work with an inductor peak-to-peak current of less than 40% of the average inductor
current for maximum output current. Follow Equation 6 to Equation 8 to calculate the average, peak and ripple
current of the inductor. To calculate the current in the worst case, use the minimum input voltage, maximum
output voltage, and maximum load current of the application. To leave enough design margin, TI recommends
using the minimum switching frequency, the inductor value with –30% tolerance, and a low-power conversion
efficiency for the calculation.
In a boost regulator, calculate the inductor DC current as in Equation 6.
OUT
OUT
DC
IN
V
I
I
V
u
u K
(6)
where
• VOUT is the output voltage of the boost regulator.
• IOUT is the output current of the boost regulator.
• VIN is the input voltage of the boost regulator.
• η is the power conversion efficiency.
Calculate the inductor current peak-to-peak ripple as in Equation 7.
PP
SW
OUT
IN
IN
1
I
1
1
/
¦
V
V
V
u
u
(7)
where
• IPP is the inductor peak-to-peak ripple.
www.ti.com
TPS61376
SLVSGQ1A – JANUARY 2022 – REVISED SEPTEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
15
Product Folder Links: TPS61376



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com