Electronic Components Datasheet Search
  English  ▼

X  

TPS613761 Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS613761
Description  TPS61376 23-VIN, 25-VOUT, 4.5-A, Boost Converter with up to ±2.5% accuracy Input Average Current Limit and True Load Disconnection
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS613761 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS613761 Datasheet HTML 3Page - Texas Instruments TPS613761 Datasheet HTML 4Page - Texas Instruments TPS613761 Datasheet HTML 5Page - Texas Instruments TPS613761 Datasheet HTML 6Page - Texas Instruments TPS613761 Datasheet HTML 7Page - Texas Instruments TPS613761 Datasheet HTML 8Page - Texas Instruments TPS613761 Datasheet HTML 9Page - Texas Instruments TPS613761 Datasheet HTML 10Page - Texas Instruments TPS613761 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
7.5 Electrical Characteristics (continued)
TJ = -40 to 125°C, L = 4.7 µH, VIN = 5 V and VOUT = 12 V. Typical values are at TJ = 25°C, (unless otherwise noted)
PARAMETE
R
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Fsw
TPS61376 Switching frequency
VIN=2.9V to 23V, VOUT = 4.5V to 25V
1200
kHz
Fsw
TPS613761 Switching frequency
VIN=2.9V to 23V, VOUT = 4.5V to 25V
650
kHz
TSS
Soft-start time
4
ms
tOFF_min
Minimum off time
120
ns
tON_min
Minimum on time
65
ns
ERROR AMPLIFIER
ISINK
COMP pin sink current
20
uA
ISOURCE
COMP pin source current
20
uA
VCCLPH
COMP pin high clamp voltage
1.6
V
VCCLPL
COMP pin low clamp voltage
0.5
V
GmEA
Error amplifier trans conductance
240
uS
LOGIC INTERFACE
VEN_H
EN Logic high threshold
0.812
V
VEN_L
EN Logic low threshold
0.36
V
VEN_L
EN threshold hysteresis
120
mV
VUVLO
UVLO rising threshold
0.790
0.813
0.835
V
IUVLO_HYS
Sourcing current at the EN/UVLO pin
1.75
2
2.25
µA
VIH
ISEL pins Logic high threshold
0.84
V
VIL
ISEL pins Logic Low threshold
0.36
V
RDOWN
ISEL pins internal pull down resistor
800
kΩ
THERMAL SHUTDOWN
tSD_R
Thermal shutdown rising threshold
TJ rising
150
°C
tSD_F
Thermal shutdown falling threshold
TJ falling
130
°C
www.ti.com
TPS61376
SLVSGQ1A – JANUARY 2022 – REVISED SEPTEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: TPS61376



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com