Electronic Components Datasheet Search
  English  ▼

X  

TPS613761 Datasheet(PDF) 11 Page - Texas Instruments

Part # TPS613761
Description  TPS61376 23-VIN, 25-VOUT, 4.5-A, Boost Converter with up to ±2.5% accuracy Input Average Current Limit and True Load Disconnection
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS613761 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS613761 Datasheet HTML 7Page - Texas Instruments TPS613761 Datasheet HTML 8Page - Texas Instruments TPS613761 Datasheet HTML 9Page - Texas Instruments TPS613761 Datasheet HTML 10Page - Texas Instruments TPS613761 Datasheet HTML 11Page - Texas Instruments TPS613761 Datasheet HTML 12Page - Texas Instruments TPS613761 Datasheet HTML 13Page - Texas Instruments TPS613761 Datasheet HTML 14Page - Texas Instruments TPS613761 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
8.3.2 Enable and Programmable UVLO
The TPS61376 has a dual function enable and UVLO circuit. When the input voltage at the VIN pin is
above the input UVLO rising threshold of 2.8 V and the EN/UVLO pin is pulled above rising threshold, the
TPS61376 is enabled and starts switching. The EN/UVLO pin has an accurate UVLO voltage threshold to
support programmable input under-voltage lockout with hysteresis. A hysteresis current IUVLO_HYS is sourced out
of the EN/UVLO pin to provide hysteresis that prevents on/off chattering in the presence of input voltage noise.
By using resistor divider as shown in Figure 8-1 , the turn on threshold can be calculated by using Equation 1.
VINUVLO_ON =VUVLO× 1+R1R2
(1)
where
• VUVLO is the UVLO threshold of 0.813 V at the EN/UVLO pin
The hysteresis between the UVLO turn on threshold and turn off threshold is set by the upper resistor in the
EN/UVLO resistor divider and is given by Equation 2
ΔVINUVLO =IUVLO_HYS×R1
(2)
where
• IUVLO is the sourcing current from the EN/UVLO pin when the voltage at the EN/UVLO pin is above VUVLO
UVLO Comparator
R1
VIN
EN/UVLO
IUVLO_HYS 2 A
0.813V
Enable
R2
Figure 8-1. Programmable UVLO with Resistor Divider at EN/UVLO Pin
8.3.3 Soft Start and Inrush Current Control During Start-up
The TPS61376 has a soft-start and input average current limit function to prevent high inrush current during
start-up. When the EN pin is pulled high, the TPS61376 starts to ramp up the output voltage by ramping an
internal reference voltage from 0 V to the reference voltage within typical 4 ms. During start-up when Vin is
higher than Vout, the ISO FET between VP and SW pin will limit the current across the inductor. This current will
increase linearly as the Vin and Vout delta decreases. When Vout is higher than Vin, TPS61376 will regulate the
input average current programmed via ILIM pin.
8.3.4 Switching Frequency
The TPS61376 uses adaptive constant off-time peak current control topology to regulate the output voltage. In
moderate to heavy load conditions, the TPS61376 works in pulse width modulation (PWM) mode. The switching
frequency in PWM mode is 1.2 MHz (650 KHz for TPS613761). At light load conditions, the TPS61376 works
in power-save mode with pulse frequency modulation (PFM). The PFM mode brings high efficiency at the light
load.
8.3.5 Adjustable input average Current Limit
The TPS61376 has integrated input average current limit function internally, the average current limit can be
set by a resistor from the ILIM pin to AGND. The current limit can be programmed from 0.1 A to 3.0 A. It is
recommended to set ISEL pin logic low when setting input average current limit below 750 mA. With ISEL pin
www.ti.com
TPS61376
SLVSGQ1A – JANUARY 2022 – REVISED SEPTEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: TPS61376



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com