Electronic Components Datasheet Search
  English  ▼

X  

TPS613761 Datasheet(PDF) 17 Page - Texas Instruments

Part # TPS613761
Description  TPS61376 23-VIN, 25-VOUT, 4.5-A, Boost Converter with up to ±2.5% accuracy Input Average Current Limit and True Load Disconnection
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS613761 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TPS613761 Datasheet HTML 13Page - Texas Instruments TPS613761 Datasheet HTML 14Page - Texas Instruments TPS613761 Datasheet HTML 15Page - Texas Instruments TPS613761 Datasheet HTML 16Page - Texas Instruments TPS613761 Datasheet HTML 17Page - Texas Instruments TPS613761 Datasheet HTML 18Page - Texas Instruments TPS613761 Datasheet HTML 19Page - Texas Instruments TPS613761 Datasheet HTML 20Page - Texas Instruments TPS613761 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
between CIN and the power source lead to reduce ringing that can occur between the inductance of the power
source leads and CIN.
9.2.2.5 Output Capacitor Selection
The output capacitor is mainly selected to meet the requirements at load transient or steady state. The loop
is compensated for the output capacitor selected. The output ripple voltage is related to the equivalent series
resistance (ESR) of the capacitor and its capacitance. Assuming a capacitor with zero ESR, the minimum
capacitance needed for a given ripple can be calculated by Equation 9:
OUT
OUT
IN
OUT
SW
OUT
I
(V
V )
C
f
V
V
´
-
=
´ D ´
(9)
where
• COUT is the output capacitor
• IOUT is the output current
• VOUT is the output voltage
• VIN is the input voltage
• ΔV is the output voltage ripple required
• ƒSW is the switching frequency
The additional output ripple component caused by ESR is calculated by Equation 10:
∆VESR=ILpeak× RESR
(10)
where
• ΔVESR is the output voltage ripple caused by ESR
• RESR is the resistor in series with the output capacitor
For the ceramic capacitor, the ESR ripple can be neglected. However, for the tantalum or electrolytic capacitors,
it must be considered if used.
The minimum ceramic output capacitance needed to meet a load transient requirement can be estimated using
Equation 11:
STEP
OUT
BW
TRAN
I
C
2
f
V
D
=
p ´
´ D
(11)
where
• ΔISTEP is the transient load current step
• ΔVTRAN is the allowed voltage dip for the load current step
• ƒBW is the control loop bandwidth (that is, the frequency where the control loop gain crosses zero)
Take care when evaluating the derating of a ceramic capacitor under the DC bias. Ceramic capacitors can
derate by as much as 70% of the capacitance at the respective rated voltage. Therefore, enough margins on the
voltage rating must be considered to ensure adequate capacitance at the required output voltage.
9.2.2.6 Diode Selection
A Schottky diode is the preferred type for D1 due to its low forward voltage drop and small reverse recovery
charge. Low reverse leakage current is important parameter when selecting the Schottky diode. The diode must
be rated to handle the maximum output voltage plus any switching node ringing. Also, it must be able to handle
the average output current.
www.ti.com
TPS61376
SLVSGQ1A – JANUARY 2022 – REVISED SEPTEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: TPS61376



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com