Electronic Components Datasheet Search
  English  ▼

X  

TPS613761 Datasheet(PDF) 16 Page - Texas Instruments

Part # TPS613761
Description  TPS61376 23-VIN, 25-VOUT, 4.5-A, Boost Converter with up to ±2.5% accuracy Input Average Current Limit and True Load Disconnection
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS613761 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TPS613761 Datasheet HTML 12Page - Texas Instruments TPS613761 Datasheet HTML 13Page - Texas Instruments TPS613761 Datasheet HTML 14Page - Texas Instruments TPS613761 Datasheet HTML 15Page - Texas Instruments TPS613761 Datasheet HTML 16Page - Texas Instruments TPS613761 Datasheet HTML 17Page - Texas Instruments TPS613761 Datasheet HTML 18Page - Texas Instruments TPS613761 Datasheet HTML 19Page - Texas Instruments TPS613761 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
• L is the inductor value.
• ƒSW is the switching frequency.
• VOUT is the output voltage.
• VIN is the input voltage.
Therefore, the peak current, ILpeak, seen by the inductor is calculated with Equation 8.
PP
Lpeak
DC
I
I
I
2
(8)
With ISEL pin logic high, the peak switching current limit is 4.5 A(typ), when the ISEL pin logic low, the peak
switching current limit will change from 4.5 A(typ) to 2.5 A(typ). It is important that the peak current does not
exceed the inductor saturation current.
For a given physical inductor size, increasing inductance usually results in an inductor with lower saturation
current. The total losses of the coil consists of the DC resistance (DCR) loss and the following frequency-
dependent loss:
• The losses in the core material (magnetic hysteresis loss, especially at high switching frequencies)
• Additional losses in the conductor from the skin effect (current displacement at high frequencies)
• Magnetic field losses of the neighboring windings (proximity effect)
For a certain inductor, the larger current ripple (smaller inductor) generates the higher DC and also the
frequency-dependent loss. Usually, a data sheet of an inductor does not provide the core loss information.
If needed, consult the inductor vendor for detailed information. An inductor with lower DCR is basically
recommended for higher efficiency. However, it is usually a tradeoff between the loss and foot print. The table
below lists some recommended inductors.
Table 9-2. Recommended Inductors
PART NUMBER
L (μH)
DCR TYP (mΩ)
SATURATION
CURRENT (A)
SIZE (L × W × H mm)
VENDOR(1)
XGL5050-222ME
2.2
6.8
10.7
5.28 x 5.48 x 5.1
Coilcraft
XGL5050-472ME
4.7
13.9
7.0
5.28 x 5.48 x 5.1
Coilcraft
XGL6060-103ME
10
18.5
7.3
6.51 x 6.71 x 6.1
Coilcraft
XGL4020-222ME
2.2
19.5
6.2
4.0 x 4.0 x 2.1
Coilcraft
XGL4020-472ME
4.7
43
4.1
4.0 x 4.0 x 2.1
Coilcraft
XGL4020-822ME
8.2
71
3.2
4.0 x 4.0 x 2.1
Coilcraft
(1)
See the Third-party Products Disclaimer.
9.2.2.3 Bootstrap Capacitor Selection
The bootstrap capacitor between the BST and SW pin supplies the gate current to charge the ISO FET device
gate during the turn on of each cycle. The gate current also supplies charge for the bootstrap capacitor. The
recommended value of the bootstrap capacitor is 0.47 μF to 1 μF. CBST must be a good quality, low-ESR ceramic
capacitor located at the pins of the device to minimize potentially damaging voltage transients caused by trace
inductance. A value of 0.47 μF was selected for this design example.
9.2.2.4 Input Capacitor Selection
Multilayer ceramic capacitors are an excellent choice for the input decoupling of the step-up converter since
they have extremely low ESR and are available in small footprints. Input capacitors must be located as close as
possible to the device. While a 22-µF input capacitor or equivalent is sufficient for the most applications, larger
values can be used to reduce input current ripple.
Take care when using only ceramic input capacitors. When a ceramic capacitor is used at the input and the
power is being supplied through long wires, such as from a wall adapter, a load step at the output can induce
ringing at the VIN pin. This ringing can couple to the output and be mistaken as loop instability or can even
damage the device. Additional "bulk" capacitance (electrolytic or tantalum) in this circumstance, must be placed
TPS61376
SLVSGQ1A – JANUARY 2022 – REVISED SEPTEMBER 2022
www.ti.com
16
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TPS61376



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com