Electronic Components Datasheet Search
  English  ▼

X  

TPS613761 Datasheet(PDF) 8 Page - Texas Instruments

Part # TPS613761
Description  TPS61376 23-VIN, 25-VOUT, 4.5-A, Boost Converter with up to ±2.5% accuracy Input Average Current Limit and True Load Disconnection
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS613761 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS613761 Datasheet HTML 4Page - Texas Instruments TPS613761 Datasheet HTML 5Page - Texas Instruments TPS613761 Datasheet HTML 6Page - Texas Instruments TPS613761 Datasheet HTML 7Page - Texas Instruments TPS613761 Datasheet HTML 8Page - Texas Instruments TPS613761 Datasheet HTML 9Page - Texas Instruments TPS613761 Datasheet HTML 10Page - Texas Instruments TPS613761 Datasheet HTML 11Page - Texas Instruments TPS613761 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
7.6 Typical Characteristics
TPS61376 Fsw= 1.2 MHz, TA = 25°C, unless otherwise noted.
Output Current (A)
1E-5
0.0001
0.001
0.01
0.1 0.2 0.5 1
2
0
10
20
30
40
50
60
70
80
90
100
VIN=3.6 V
VIN=5.0 V
VIN=7.2 V
VIN=9.0 V
VIN = 3.6 V, 5.0 V, 7.2 V, 9.0 V
VOUT = 12 V
Figure 7-1. Efficiency vs Output Current VOUT = 12 V
Output Current (A)
1E-5
0.0001
0.001
0.01
0.1 0.2 0.5 1
2
0
10
20
30
40
50
60
70
80
90
100
VIN=3.6 V
VIN=5.0 V
VIN=9.0 V
VIN=12 V
VIN = 3.6 V, 5.0 V, 9.0 V, 12 V
VOUT = 24 V
Figure 7-2. Efficiency vs Output Current, VOUT = 24 V
Output Current (A)
0.0001
0.001
0.01
0.05
0.2
0.5 1
2
11.88
11.9
11.92
11.94
VIN=3.6V
VIN=5.0V
VIN=7.2 V
VIN=9.0V
VIN = 3.6 V, 5.0 V, 7.2 V, 9.0 V
VOUT = 12 V
Figure 7-3. Load regulation, VOUT = 12 V
Output Current (A)
0.0001
0.001
0.01
0.05
0.2
0.5 1
2
24
24.02
24.04
24.06
VIN=3.6V
VIN=5.0V
VIN=9.0 V
VIN=12V
VIN = 3.6 V, 5.0 V, 9.0 V, 12 V
VOUT = 24 V
Figure 7-4. Load regulation, VOUT = 24 V
Temperature(
C)
-40
-20
0
20
40
60
80
100
120
140
0
20
40
60
80
100
VIN = 5.0V VOUT=12V
VIN = 12V VOUT=24V
VIN = 5.0 V;12 V
VOUT = 12 V;24 V
Figure 7-5. Quiescent Current into VIN vs Temperature
Temperature(
C)
-40
-20
0
20
40
60
80
100
120
140
0
20
40
60
80
100
VIN = 5.0V VOUT=12V
VIN = 12V VOUT=24V
VIN = 5.0 V;12 V
VOUT = 12 V;24 V
Figure 7-6. Quiescent Current into VOUT vs Temperature
TPS61376
SLVSGQ1A – JANUARY 2022 – REVISED SEPTEMBER 2022
www.ti.com
8
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TPS61376



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com