Electronic Components Datasheet Search
  English  ▼

X  

TPS613761 Datasheet(PDF) 14 Page - Texas Instruments

Part # TPS613761
Description  TPS61376 23-VIN, 25-VOUT, 4.5-A, Boost Converter with up to ±2.5% accuracy Input Average Current Limit and True Load Disconnection
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS613761 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TPS613761 Datasheet HTML 10Page - Texas Instruments TPS613761 Datasheet HTML 11Page - Texas Instruments TPS613761 Datasheet HTML 12Page - Texas Instruments TPS613761 Datasheet HTML 13Page - Texas Instruments TPS613761 Datasheet HTML 14Page - Texas Instruments TPS613761 Datasheet HTML 15Page - Texas Instruments TPS613761 Datasheet HTML 16Page - Texas Instruments TPS613761 Datasheet HTML 17Page - Texas Instruments TPS613761 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
9 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
9.1 Application Information
The TPS61376 is designed for output voltage up to 25 V with up to 3-A input average current limit. The
TPS61376 operates at a quasi-constant frequency pulse-width modulation (PWM) in moderate to heavy load
condition. In light load condition, the converter operates in PFM mode. The PFM mode brings high efficiency
over the entire load range. The converter uses the adaptive constant off-time peak current control scheme,
which provides excellent line and load transient response with minimal output capacitance. The TPS61376 can
work with different inductor and output capacitor combinations by adjusting external loop compensation.
9.2 Typical Application
EN/UVLO
OFF
ON
FB
SW
VIN
PGND
D1
60V 3A Schottky
R2
90.9K
R1
1.0M
VCC
BST
ILIM
TPS61376
COMP
ISEL
VOUT
VP
GND
AGND
RC
80.6K
CC
3.3nF
CBOOT
470nF
L 4.7 H
GND
RILIM
14.3K
CVCC
4.7 F
VIN
VOUT
COUT
67 F
CIN
22 F
LOW
HIGH
CP
NC
Figure 9-1. TPS61376 3.3-V to 8.4-V VIN ;12V VOUT 0.5-A Output Converter
9.2.1 Design Requirements
Table 9-1. Design Parameters
DESIGN PARAMETERS
EXAMPLE VALUES
Input voltage range
3.3 to 8.4 V
Output voltage
12 V
Output voltage ripple
100 mV peak to peak
Output current rating
0.5 A
TPS61376
SLVSGQ1A – JANUARY 2022 – REVISED SEPTEMBER 2022
www.ti.com
14
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TPS61376



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com