Electronic Components Datasheet Search
  English  ▼

X  

TPS613761 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS613761
Description  TPS61376 23-VIN, 25-VOUT, 4.5-A, Boost Converter with up to ±2.5% accuracy Input Average Current Limit and True Load Disconnection
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS613761 Datasheet(HTML) 1 Page - Texas Instruments

  TPS613761 Datasheet HTML 1Page - Texas Instruments TPS613761 Datasheet HTML 2Page - Texas Instruments TPS613761 Datasheet HTML 3Page - Texas Instruments TPS613761 Datasheet HTML 4Page - Texas Instruments TPS613761 Datasheet HTML 5Page - Texas Instruments TPS613761 Datasheet HTML 6Page - Texas Instruments TPS613761 Datasheet HTML 7Page - Texas Instruments TPS613761 Datasheet HTML 8Page - Texas Instruments TPS613761 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
TPS61376 23-VIN, 25-VOUT, 4.5-A, Boost Converter with up to ±2.5% accuracy Input
Average Current Limit and True Load Disconnection
1 Features
• Wide input voltage and output voltage range
– Input voltage range: 2.9 V to 23 V
– Output voltage range: 4.5 V to 25 V
• Peak inductor current limit up to 4.5 A
• Programmable input average current limit range:
0.1 A to 3 A
• Switching frequency
– TPS61376: 1.2 MHz
– TPS613761: 650 KHz
• Integrated two MOSFETs
– ISO FET: 40 mΩ
– Low-side FET: 50 mΩ
• Safety and robust operation features
– Output overvoltage protection
– Cycle-by-cycle overcurrent protection
– True disconnection between input and output
during EN shutdown
– Thermal shutdown
• Precise EN/UVLO threshold
• External loop compensation
• 2.5-mm × 2.0-mm HotRod™ Lite VQFN package
2 Applications
• ePOS retail automation and payment
• Barcode scanner
• Smart speaker
• Appliances
3 Description
The TPS61376 is a high voltage non-synchronous
boost converter with input average current limit and
true load disconnect functions. The input average
current limit threshold can be programmed through
the ILIM pin from 0.1 A to 3.0 A. The isolation FET
between the VP and SW pin will completely cut off
the path between input and output when the device
is disabled. The TPS61376 has a wide input voltage
range from 2.9 V to 23 V and output voltage covers up
to 25 V.
The TPS61376 implements the peak current mode
with the adaptive off-time control topology. The device
works in PWM mode at moderate to heavy loads. At
the light load conditions, the device enters PFM mode
to maintain high efficiency over the entire load current
range.
The TPS61376 also integrates robust protection
features including output overvoltage protection,
cycle-by-cycle overcurrent protection and thermal
shutdown.
The TPS61376 offers a very small solution size with a
2.5-mm × 2.0-mm HotRod™ Lite VQFN package.
Device Information
PART NUMBER
PACKAGE(1)
BODY SIZE (NOM)
TPS61376
VQFN (13)
2.5 mm × 2.0 mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
EN/UVLO
OFF
ON
C
OUT
FB
SW
VIN
PGND
D1
R
FBB
R
FBT
VCC
BST
ILIM
TPS61376
COMP
ISEL
VOUT
VP
C
IN
GND
AGND
R
COMP
C
COMP
C
BOOT
L
GND
R
ILIM
C
VCC
V
IN
V
OUT
C
P
Typical Application Circuit
TPS61376
SLVSGQ1A – JANUARY 2022 – REVISED SEPTEMBER 2022
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TPS613761

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61376 TI-TPS61376 Datasheet
730Kb / 7P
TPS61376 23-VIN, 25-VOUT, 4.5-A, Boost Converter with Input Average Current Limit and Load Disconnect
JANUARY 2022
More results

Similar Description - TPS613761

ManufacturerPart #DatasheetDescription
logo
TEXAS ADVANCED OPTOELEC...
TPS61252 TAOS-TPS61252 Datasheet
440Kb / 21P
TINY 1.5-A BOOST CONVERTER WITH ADJUSTABLE INPUT CURRENT LIMIT
logo
Intersil Corporation
ISL85033-12VEVAL3Z INTERSIL-ISL85033-12VEVAL3Z Datasheet
672Kb / 6P
Wide VIN Negative VOUT Buck-Boost Regulator With Up to 5A Output Current
July 27, 2011
logo
Richtek Technology Corp...
RT8032 RICHTEK-RT8032 Datasheet
174Kb / 11P
1.2MHz/1.2A Buck Converter with Programmable Average Input Current Limit
logo
Texas Instruments
TPS61252 TI-TPS61252_15 Datasheet
999Kb / 27P
TPS61252 Tiny 1.5-A Boost Converter With Adjustable Input Current Limit
TPS61252 TI1-TPS61252_16 Datasheet
1Mb / 27P
TPS61252 Tiny 1.5-A Boost Converter With Adjustable Input Current Limit
logo
Anpec Electronics Corop...
APW7212 ANPEC-APW7212 Datasheet
353Kb / 17P
1MHz, High-Efficiency, Step-Up Converter with Load Disconnection
logo
Texas Instruments
TPS61390 TI1-TPS61390 Datasheet
217Kb / 18P
85-VOUT Boost Converter With Current Mirror and Sample / Hold
logo
Maxim Integrated Produc...
MAX17250 MAXIM-MAX17250 Datasheet
1Mb / 13P
2.7V to 18V Input, Boost Converter with 0.1μA True Shutdown, Short-Circuit Protection and Selectable Input Current Limit
Rev 2; 10/19
logo
Texas Instruments
TPS61376 TI-TPS61376 Datasheet
730Kb / 7P
TPS61376 23-VIN, 25-VOUT, 4.5-A, Boost Converter with Input Average Current Limit and Load Disconnect
JANUARY 2022
TPS61377 TI1-TPS61377 Datasheet
2Mb / 31P
TPS61377 23-VIN, 25-VOUT, 6-A, Synchronous Boost Converter with Programmable Peak Current Limit
NOVEMBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com