Electronic Components Datasheet Search
  English  ▼

X  

TPS613761 Datasheet(PDF) 18 Page - Texas Instruments

Part # TPS613761
Description  TPS61376 23-VIN, 25-VOUT, 4.5-A, Boost Converter with up to ±2.5% accuracy Input Average Current Limit and True Load Disconnection
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS613761 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TPS613761 Datasheet HTML 14Page - Texas Instruments TPS613761 Datasheet HTML 15Page - Texas Instruments TPS613761 Datasheet HTML 16Page - Texas Instruments TPS613761 Datasheet HTML 17Page - Texas Instruments TPS613761 Datasheet HTML 18Page - Texas Instruments TPS613761 Datasheet HTML 19Page - Texas Instruments TPS613761 Datasheet HTML 20Page - Texas Instruments TPS613761 Datasheet HTML 21Page - Texas Instruments TPS613761 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
9.2.2.7 Loop Stability
The TPS61376 requires external compensation, which allows the loop response to be optimized for each
application. The COMP pin is the output of the internal error amplifier. An external compensation network,
comprised of resistor RC, and ceramic capacitors CC and CP, is connected to the COMP pin.
The power stage small signal loop response of constant off-time (COT) with peak current control can be
modeled by Equation 12.
GPS(S)=KCOMP×
RO×:1-D;
2
×
l1+
S
2NBESRZp
×
l1-
S
2NBRHPZp
1+
S
2NBP
(12)
where
• D is the switching duty cycle.
• RO is the output load resistance.
• KCOMP is power stage trans-conductance (inductor peak current / comp voltage), which is 13.5 A/V.
P
O
O
2
¦
2
R
C
S u
u
(13)
where
• CO is effective output capacitance.
ESRZ
ESR
O
1
¦
2
R
C
S u
u
(14)
where
• RESR is the equivalent series resistance of the output capacitor.
2
O
RHPZ
R
1
D
¦
2
L
u
S u
(15)
The COMP pin is the output of the internal transconductance amplifier. Equation 16 shows the small signal
transfer function of compensation network.
COMZ
EA
EA
REF
OUT
COMP1
COMP2
S
1
¦
G
R
V
Gc(S)
V
S
S
1
1
¦
¦
§
·
¨
¸
u S u
u
u
©
¹
u
§
·§
·
¨
¸¨
¸
u S u
u S u
©
¹©
¹
(16)
where
• GEA is the transconductance of the amplifier, which is 240 uS.
• REA is the output resistance of the amplifier, which is 100 MΩ.
• VREF is the reference voltage at the FB pin.
• VOUT is the output voltage.
• ƒCOMP1, ƒCOMP2 are the frequency of the poles of the compensation network.
• ƒCOMZ is the zero's frequency of the compensation network.
The next step is to choose the loop crossover frequency, ƒC. The higher frequency that the loop gain stays
above zero before crossing over, the faster the loop response is. It is generally accepted that the loop gain cross
TPS61376
SLVSGQ1A – JANUARY 2022 – REVISED SEPTEMBER 2022
www.ti.com
18
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TPS61376



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com