Electronic Components Datasheet Search
  English  ▼

X  

TPS613761 Datasheet(PDF) 10 Page - Texas Instruments

Part # TPS613761
Description  TPS61376 23-VIN, 25-VOUT, 4.5-A, Boost Converter with up to ±2.5% accuracy Input Average Current Limit and True Load Disconnection
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS613761 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS613761 Datasheet HTML 6Page - Texas Instruments TPS613761 Datasheet HTML 7Page - Texas Instruments TPS613761 Datasheet HTML 8Page - Texas Instruments TPS613761 Datasheet HTML 9Page - Texas Instruments TPS613761 Datasheet HTML 10Page - Texas Instruments TPS613761 Datasheet HTML 11Page - Texas Instruments TPS613761 Datasheet HTML 12Page - Texas Instruments TPS613761 Datasheet HTML 13Page - Texas Instruments TPS613761 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
8 Detailed Description
8.1 Overview
The TPS61376 is a high voltage non-synchronous boost converter with input average current limit and load
disconnect functions. The input average current limit threshold can be programmed through the ILIM pin from
0.1 A to 3.0 A. The isolation FET between the VP and SW pin will completely cut off the path between input
and output when the device is disabled. The TPS61376 has a wide input voltage range from 2.9 V to 23 V and
output voltage covers up to 25 V. The TPS61376 implements the peak current mode with the adaptive off-time
control topology. When the ISEL pin is logic high, the peak switching current limit is 4.5 A(typ). When the ISEL
pin is logic low, the peak switching current limit will change form 4.5 A(typ) to 2.5 A(typ). The device works in
PWM mode at moderate to heavy load conditions. At the light load conditions, the device enters PFM mode
to maintain high efficiency over the entire load current range. The TPS61376 also integrates robust protection
features including output overvoltage protection, cycle-by-cycle overcurrent protection and thermal shutdown.
8.2 Functional Block Diagram
ILIM
VIN UVLO
FB
L1
VCC
Regulator
VIN
BST
VCC
Thermal
VIN
COMP
ISEL
VIN
VOUT
EN/UVLO
VOUT
RUVLOB
RUVLOT
VCC
+
–
GM
VREF
R
Q
Q
S
VSENSE
PWM
Comparator
PWM
PWM
CCOMP
RCOMP
CIN
CVCC
COUT
RFBB
RFBT
TSD
SW
1/K
VIN
Input Current
Limit
Soft
Start
ILIM
SW
VP
VCC
CBST
BST
TOFF
TOFF
TOFF
VOUT
OVP
ILIM
VREF
PGND
AGND
Level
Shi
Input Current
Limit
Logic Core
8.3 Feature Description
8.3.1 VCC Power Supply
The internal LDO of TPS61376 outputs a regulated voltage of 4.8 V with 10-mA output current capability. When
the input voltage at the VIN pin is below 5.25 V, the internal LDO is powered by the VOUT pin, when the input
voltage at the VIN pin is above 5.5 V, the internal LDO is powered by the VIN pin. A ceramic capacitor is
connected between the VCC pin and AGND pin to stabilize the VCC voltage and also decouple the noise on the
VCC pin. The value of this ceramic capacitor should be above 1 µF. A ceramic capacitor with an X7R or X5R
grade dielectric with a voltage rating higher than 10 V is recommended.
TPS61376
SLVSGQ1A – JANUARY 2022 – REVISED SEPTEMBER 2022
www.ti.com
10
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TPS61376



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com