Electronic Components Datasheet Search
  English  ▼

X  

CS47L85 Datasheet(PDF) 369 Page - Cirrus Logic

Part # CS47L85
Description  Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L85 Datasheet(HTML) 369 Page - Cirrus Logic

Back Button CS47L85 Datasheet HTML 362Page - Cirrus Logic CS47L85 Datasheet HTML 363Page - Cirrus Logic CS47L85 Datasheet HTML 364Page - Cirrus Logic CS47L85 Datasheet HTML 365Page - Cirrus Logic CS47L85 Datasheet HTML 366Page - Cirrus Logic CS47L85 Datasheet HTML 367Page - Cirrus Logic CS47L85 Datasheet HTML 368Page - Cirrus Logic CS47L85 Datasheet HTML 369Page - Cirrus Logic CS47L85 Datasheet HTML 370Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 369 / 370 page
background image
CS47L85
Rev 4.3
369
Revision History
Table 141 Revision History
Revision
Changes
1.0
SEP ‘14
• Initial version
1.1
DEC ‘14
• Thermal Characteristics added
• Correction to PWMn_LVL description
• Updates to DSP Clocking registers and controls
• Added description of DSP DMA functions
• Changes to Master Interface registers and operation
• Updates to Timer Clocking registers and controls
• Updates to SLIMbus register access description
• Output Path Hi-Fi filter controls added
• Recommended 500k JACKDET2 resistor connection
1.1
JAN ‘15
• SPI clock frequency spec updated
• Recommend TRST is tied to DGND if JTAG function is not used
• Noted SYSCLK_ENA and ASYNC_CLK_ENA must be set to 0 before the respective clock source is stopped
• Noted 32kHz clock requirement for GPIO input de-bounce
• Clocking required for FLL Interrupt
• DSP_CLK_FREQ_RANGE defined (replaces DSP_CLK_FREQ)
• CIF1MISO pull-down described
• Signal Timing Requirements updated
• DSP memory reset behaviour corrected
• Electrical Characteristics updated
• GPIO functions updated (added/removed)
• Sleep Mode requirements (external DCVDD) added
2.0
MAY
‘15
• Converted to Cirrus document template
• Sleep Mode requirements (external DCVDD) deleted
• DBVDD operating range updated
• Signal passband noted for each DMIC clock frequency
• Clarification of voltage domains for DMIC operation
• Register Map listing is referenced to a separate document
• CPVDD2 absolute maximum rating updated
• Noted DCVDD/FLLVDD must be tied together
• Digital Mixer control requirements updated
4.0
MAY ‘15
•
Updated to ‘Production Data’ status
4.1
JUL ‘15
• Clarification of SLIMbus requirements for different Transport Protocol (TP) options
• FLL1_DIV6 system clocking option added
• Correction to FLL Spread Spectrum control register (FLLn_SS_SEL) description
• Noted constraints for using WSEQ_START to trigger the Control Sequencer
• System clocking control requirements updated
• Added comments describing bus-keeper start-up condition, and digital I/O in Sleep Mode
4.2
DEC
‘16
• Series resistor recommended on FLLVDD connection
• Clarification of PDM input/output digital signal levels
• Typical performance data added
• DSPn_DMA_WORD_SEL description added
• Master interface section updated to include clocking requirements
• Output path noise gate threshold (NGATE_THR) updated
• Headphone detect (HPDET) calculation and measurement time updated
• FLL configuration and example settings updated
4.3
APR ‘18
• ANC amended to mono function only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com