Electronic Components Datasheet Search
  English  ▼

X  

VS1103 Datasheet(PDF) 9 Page - VLSI Solution Oy

Part # VS1103
Description  VS1103b - MIDI/ADPCM AUDIO CODEC
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VLSI [VLSI Solution Oy]
Direct Link  https://www.vlsi.fi/
Logo VLSI - VLSI Solution Oy

VS1103 Datasheet(HTML) 9 Page - VLSI Solution Oy

Back Button VS1103 Datasheet HTML 5Page - VLSI Solution Oy VS1103 Datasheet HTML 6Page - VLSI Solution Oy VS1103 Datasheet HTML 7Page - VLSI Solution Oy VS1103 Datasheet HTML 8Page - VLSI Solution Oy VS1103 Datasheet HTML 9Page - VLSI Solution Oy VS1103 Datasheet HTML 10Page - VLSI Solution Oy VS1103 Datasheet HTML 11Page - VLSI Solution Oy VS1103 Datasheet HTML 12Page - VLSI Solution Oy VS1103 Datasheet HTML 13Page - VLSI Solution Oy Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 61 page
background image
VS1103b Datasheet
3
CHARACTERISTICS & SPECIFICATIONS
3
Characteristics & Specifications
3.1
Absolute Maximum Ratings
Parameter
Symbol
Min
Max
Unit
Analog Positive Supply
AVDD
-0.3
2.85
V
Digital Positive Supply
CVDD
-0.3
2.7
V
I/O Positive Supply
IOVDD
-0.3
3.6
V
Current at Any Digital Output
±50
mA
Voltage at Any Digital Input
-0.3
IOVDD+0.31
V
Operating Temperature
-40
+85
◦C
Storage Temperature
-65
+150
◦C
1 Must not exceed 3.6 V
3.2
Recommended Operating Conditions
Parameter
Symbol
Min
Typ
Max
Unit
Ambient Operating Temperature
-40
+85
◦C
Analog and Digital Ground 1
AGND DGND
0.0
V
Positive Analog
AVDD
2.6
2.8
2.85
V
Positive Digital
CVDD
2.4
2.5
2.7
V
I/O Voltage
IOVDD
CVDD-0.6V
2.8
3.6
V
Input Clock Frequency2
XTALI
12
12.288
13
MHz
Internal Clock Frequency
CLKI
12
36.864
52.04
MHz
Internal Clock Multiplier3
1.0×
3.0×
4.5×4
Master Clock Duty Cycle
40
50
60
%
1 Must be connected together as close the device as possible for latch-up immunity.
2 The maximum sample rate that can be played with correct speed is XTALI/256.
Thus, XTALI must be at least 12.288 MHz to be able to play 48 kHz at correct speed.
For other implications rising from not using a 12.288 MHz clock, see Chapter 7.4.5.
3 Reset value is 1.0×. Recommended SC_MULT=4.0×.
Performance may be poor if SC_MULT< 3.5.
4 52.0 MHz is the maximum clock for the full CVDD range.
(4.0 × 12.288 MHz=49.152 MHz or 4.0 × 13.0 MHz=52.0 MHz)
Version: 1.04, 2018-03-16
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com