Electronic Components Datasheet Search
  English  ▼

X  

VS1103 Datasheet(PDF) 27 Page - VLSI Solution Oy

Part # VS1103
Description  VS1103b - MIDI/ADPCM AUDIO CODEC
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VLSI [VLSI Solution Oy]
Direct Link  https://www.vlsi.fi/
Logo VLSI - VLSI Solution Oy

VS1103 Datasheet(HTML) 27 Page - VLSI Solution Oy

Back Button VS1103 Datasheet HTML 23Page - VLSI Solution Oy VS1103 Datasheet HTML 24Page - VLSI Solution Oy VS1103 Datasheet HTML 25Page - VLSI Solution Oy VS1103 Datasheet HTML 26Page - VLSI Solution Oy VS1103 Datasheet HTML 27Page - VLSI Solution Oy VS1103 Datasheet HTML 28Page - VLSI Solution Oy VS1103 Datasheet HTML 29Page - VLSI Solution Oy VS1103 Datasheet HTML 30Page - VLSI Solution Oy VS1103 Datasheet HTML 31Page - VLSI Solution Oy Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 61 page
background image
VS1103b Datasheet
6
FUNCTIONAL DESCRIPTION
Volume
control
Audio
FIFO
S.rate.conv
and DAC
R
SCI_VOL
512 stereo
samples
L
application
User
Bass
enhancer
AIADDR=0
SB_AMPLITUDE!=0
AIADDR!=0
stream
Audio
enhancer
Treble
ST_AMPLITUDE!=0
ST_AMPLITUDE=0
ST_EARSPEAKER=0
ST_EARSPEAKER!=0
Earspeaker
SB_AMPLITUE=0
Figure 13: Normal Data Flow of VS1103b, Part 2.
Figure 13 presents the data flow of the Audio stream generated in Figure 12.
If SCI_AIADDR is non-zero, application code is executed from the address pointed to by that
register. For more details, see Application Notes for VS10XX.
Then data may be sent to the Bass and Treble Enhancer depending on the SCI_BASS register,
followed by Earspeaker Spatial Processing, depending on ST_EARSPEAKER.
After that the signal is fed to the volume control unit, which also copies the data to the Audio
FIFO.
The Audio FIFO holds the data, which is read by the Audio interrupt (Chapter 8.13.1) and fed
to the sample rate converter and DACs. The size of the audio FIFO is 1024 stereo (2×16-bit)
samples, or 4 KiB.
The sample rate converter converts all different sample rates to XTALI/2, or 128 times the
highest usable sample rate. This removes the need for complex PLL-based clocking schemes
and allows almost unlimited sample rate accuracy with one fixed input clock frequency. With
a 12.288 MHz clock, the DA converter operates at 128 × 48 kHz, i.e. 6.144 MHz, and creates
a stereo in-phase analog signal. The oversampled output is low-pass filtered by an on-chip
analog filter. This signal is then forwarded to the earphone amplifier.
6.3.2
Real-Time RT-Midi Mode
If GPIO1 is 1 and GPIO0 is 0 at startup, RT-Midi Mode is activated. In this mode RT-Midi data
is read through the UART at the default MIDI speed 31250 bit/s. The generated audio is sent
to the audio path as shown in Figure 13.
When RT-MIDI mode is activated, GPIO2 and GPIO3 are read and their contents are copied
to register bits SCIMB_EARSPEAKER0 and SCIMB_EARSPEAKER1, respectively. This way
it is possible to activate EarSpeaker in this mode without writing to any SCI registers. Also, if
SCI_CLOCKF has not been set to a non-zero value, the clock multiplier is automatically set to
3.5X.
This mode is intended for connecting a MIDI keyboard or sequencer to VS1103b.
Version: 1.04, 2018-03-16
27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com