Electronic Components Datasheet Search
  English  ▼

X  

VS1103 Datasheet(PDF) 51 Page - VLSI Solution Oy

Part # VS1103
Description  VS1103b - MIDI/ADPCM AUDIO CODEC
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VLSI [VLSI Solution Oy]
Direct Link  https://www.vlsi.fi/
Logo VLSI - VLSI Solution Oy

VS1103 Datasheet(HTML) 51 Page - VLSI Solution Oy

Back Button VS1103 Datasheet HTML 47Page - VLSI Solution Oy VS1103 Datasheet HTML 48Page - VLSI Solution Oy VS1103 Datasheet HTML 49Page - VLSI Solution Oy VS1103 Datasheet HTML 50Page - VLSI Solution Oy VS1103 Datasheet HTML 51Page - VLSI Solution Oy VS1103 Datasheet HTML 52Page - VLSI Solution Oy VS1103 Datasheet HTML 53Page - VLSI Solution Oy VS1103 Datasheet HTML 54Page - VLSI Solution Oy VS1103 Datasheet HTML 55Page - VLSI Solution Oy Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 61 page
background image
VS1103b Datasheet
8
VS1103B REGISTERS
8.11
UART (Universal Asynchronous Receiver / Transmitter)
The RS232 UART implements a serial interface using RS232 standard 8N1 (8 data bits, no
parity, 1 stop bit).
Start
bit
D0
D1
D2
D3
D4
D5
D6
D7
Stop
bit
Figure 15: RS232 Serial Interface Protocol
When the line is idling, it stays in logic high state. When a byte is transmitted, the transmission
begins with a start bit (logic zero) and continues with data bits (LSB first) and ends up with a
stop bit (logic high). 10 bits are sent for each 8-bit byte frame.
8.11.1
Registers
UART registers, prefix UARTx_
Reg
Type
Reset
Abbrev
Description
0xC028
r
0
STATUS[3:0]
Status
0xC029
r/w
0
DATA[7:0]
Data
0xC02A
r/w
0
DATAH[15:8]
Data High
0xC02B
r/w
0
DIV
Divider
8.11.2
Status UARTx_STATUS
A read from the status register returns the transmitter and receiver states.
UARTx_STATUS Bits
Name
Bits
Description
UART_ST_RXORUN
3
Receiver overrun
UART_ST_RXFULL
2
Receiver data register full
UART_ST_TXFULL
1
Transmitter data register full
UART_ST_TXRUNNING
0
Transmitter running
UART_ST_RXORUN is set if a received byte overwrites unread data when it is transferred from
the receiver shift register to the data register, otherwise it is cleared.
UART_ST_RXFULL is set if there is unread data in the data register.
UART_ST_TXFULL is set if a write to the data register is not allowed (data register full).
UART_ST_TXRUNNING is set if the transmitter shift register is in operation.
8.11.3
Data UARTx_DATA
A read from UARTx_DATA returns the received byte in bits 7:0, bits 15:8 are returned as ’0’. If
there is no more data to be read, the receiver data register full indicator will be cleared.
Version: 1.04, 2018-03-16
51



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com