Electronic Components Datasheet Search
  English  ▼

X  

VS1103 Datasheet(PDF) 46 Page - VLSI Solution Oy

Part # VS1103
Description  VS1103b - MIDI/ADPCM AUDIO CODEC
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VLSI [VLSI Solution Oy]
Direct Link  https://www.vlsi.fi/
Logo VLSI - VLSI Solution Oy

VS1103 Datasheet(HTML) 46 Page - VLSI Solution Oy

Back Button VS1103 Datasheet HTML 42Page - VLSI Solution Oy VS1103 Datasheet HTML 43Page - VLSI Solution Oy VS1103 Datasheet HTML 44Page - VLSI Solution Oy VS1103 Datasheet HTML 45Page - VLSI Solution Oy VS1103 Datasheet HTML 46Page - VLSI Solution Oy VS1103 Datasheet HTML 47Page - VLSI Solution Oy VS1103 Datasheet HTML 48Page - VLSI Solution Oy VS1103 Datasheet HTML 49Page - VLSI Solution Oy VS1103 Datasheet HTML 50Page - VLSI Solution Oy Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 61 page
background image
VS1103b Datasheet
8
VS1103B REGISTERS
0000
0000
Instruction (32−bit)
Y (16−bit)
X (16−bit)
System Vectors
User
Instruction
RAM
X DATA
RAM
Y DATA
RAM
0030
0030
Y DATA
ROM
X DATA
ROM
4000
4000
Instruction
ROM
Hardware
Register
Space
C000
C100
C100
C000
0500
0500
8000
8000
1E00
1E00
1C00
1C00
Stack
Stack
User
Space
User
Space
1940
1880
1800
1800
1880
1940
Figure 14: User’s Memory Map.
8.6
DAC Registers
DAC registers, prefix DAC_
Reg
Type
Reset
Abbrev[bits]
Description
0xC013
rw
0
FCTLL
DAC frequency control, 16 LSbs.
0xC014
rw
0
FCTLH
DAC frequency control 4MSbs, PLL control.
0xC015
rw
0
LEFT
DAC left channel PCM value.
0xC016
rw
0
RIGHT
DAC right channel PCM value.
Every fourth clock cycle, an internal 26-bit counter is added to by (DAC_FCTLH & 15) × 65536
+ DAC_FCTLL. Whenever this counter overflows, values from DAC_LEFT and DAC_RIGHT
are read and a DAC interrupt is generated.
Version: 1.04, 2018-03-16
46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com