Electronic Components Datasheet Search
  English  ▼

X  

VS1103 Datasheet(PDF) 34 Page - VLSI Solution Oy

Part # VS1103
Description  VS1103b - MIDI/ADPCM AUDIO CODEC
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VLSI [VLSI Solution Oy]
Direct Link  https://www.vlsi.fi/
Logo VLSI - VLSI Solution Oy

VS1103 Datasheet(HTML) 34 Page - VLSI Solution Oy

Back Button VS1103 Datasheet HTML 30Page - VLSI Solution Oy VS1103 Datasheet HTML 31Page - VLSI Solution Oy VS1103 Datasheet HTML 32Page - VLSI Solution Oy VS1103 Datasheet HTML 33Page - VLSI Solution Oy VS1103 Datasheet HTML 34Page - VLSI Solution Oy VS1103 Datasheet HTML 35Page - VLSI Solution Oy VS1103 Datasheet HTML 36Page - VLSI Solution Oy VS1103 Datasheet HTML 37Page - VLSI Solution Oy VS1103 Datasheet HTML 38Page - VLSI Solution Oy Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 61 page
background image
VS1103b Datasheet
6
FUNCTIONAL DESCRIPTION
6.6.9
SCI_IN0 and SCI_IN1 (R)
SCI_IN0 and SCI_IN1 are used for offering SCI stream data and for reading encoded ADPCM
Stream 4 data.
The bits in the registers are as follows:
Register
R/W
Bits/
Description
SCI_IN0
Read
15:0
Read one word from Stream 4
SCI_IN0
Write
15:0
Write one word to SCI sourced stream
SCI_IN1
Read
15:8
Number of words ×8 that can be read from SCI_IN0 (Stream 4)
SCI_IN1
Read
7:0
Number of words ×8 that can be written to SCI_IN0 (SCI sourced stream)
Note: Data word length is 16 bits.
Example: If reading SCI_IN1 returns 0x0312, then 0x03×8 words = 24 words = 48 bytes can
be read from SCI_IN0 and 0x12×8 words = 144 words = 288 bytes can be written to SCI_IN0.
6.6.10
SCI_AIADDR (RW)
SCI_AIADDR indicates the start address of the application code written earlier with SCI_WRAMADDR
and SCI_WRAM registers. If no application code is used, this register should not be initialized,
or it should be initialized to zero. For more details, see Application Notes for VS10XX.
6.6.11
SCI_VOL (RW)
SCI_VOL is a volume control for the player hardware. The most significant byte of the volume
register controls the left channel volume, the low part controls the right channel volume. The
channel volume sets the attenuation from the maximum volume level in 0.5 dB steps. Maximum
volume is 0x0000 and total silence but with the output drivers on is 0xFEFE. Setting SCI_VOL
to 0xFFFF will activate analog powerdown mode.
SCI_VOL bits
Name
Bits
Description
SVOL_LEFT
15:8
Left channel attenuation from maximum in 1/2 dB steps
SVOL_RIGHT
7:0
Right channel attenuation from maximum in 1/2 dB steps
Example: for a volume of -2.0 dB for the left channel and -3.5 dB for the right channel: (2.0/0.5)
= 4, 3.5/0.5 = 7 → SCI_VOL = 0x0407.
Example: SCI_VOL = 0x2424 → both left and right volumes are 0x24 * -0.5 = -18.0 dB.
Note: After hardware reset the volume is set to full volume. Resetting the software does not
reset the volume setting.
Version: 1.04, 2018-03-16
34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com