Electronic Components Datasheet Search
  English  ▼

X  

VS1103 Datasheet(PDF) 52 Page - VLSI Solution Oy

Part # VS1103
Description  VS1103b - MIDI/ADPCM AUDIO CODEC
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VLSI [VLSI Solution Oy]
Direct Link  https://www.vlsi.fi/
Logo VLSI - VLSI Solution Oy

VS1103 Datasheet(HTML) 52 Page - VLSI Solution Oy

Back Button VS1103 Datasheet HTML 48Page - VLSI Solution Oy VS1103 Datasheet HTML 49Page - VLSI Solution Oy VS1103 Datasheet HTML 50Page - VLSI Solution Oy VS1103 Datasheet HTML 51Page - VLSI Solution Oy VS1103 Datasheet HTML 52Page - VLSI Solution Oy VS1103 Datasheet HTML 53Page - VLSI Solution Oy VS1103 Datasheet HTML 54Page - VLSI Solution Oy VS1103 Datasheet HTML 55Page - VLSI Solution Oy VS1103 Datasheet HTML 56Page - VLSI Solution Oy Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 61 page
background image
VS1103b Datasheet
8
VS1103B REGISTERS
A receive interrupt will be generated when a byte is moved from the receiver shift register to
the receiver data register.
A write to UARTx_DATA sets a byte for transmission. The data is taken from bits 7:0, other
bits in the written value are ignored. If the transmitter is idle, the byte is immediately moved
to the transmitter shift register, a transmit interrupt request is generated, and transmission is
started. If the transmitter is busy, the UART_ST_TXFULL will be set and the byte remains in the
transmitter data register until the previous byte has been sent and transmission can proceed.
8.11.4
Data High UARTx_DATAH
The same as UARTx_DATA, except that bits 15:8 are used.
8.11.5
Divider UARTx_DIV
UARTx_DIV Bits
Name
Bits
Description
UART_DIV_D1
15:8
Divider 1 (0..255)
UART_DIV_D2
7:0
Divider 2 (6..255)
The divider is set to 0x0000 in reset. The ROM boot code must initialize it correctly depending
on the master clock frequency to get the correct bit speed. The second divider (D2) must be
from 6 to 255.
The communication speed f =
fm
(D1+1)×(D2) , where
fm is the master clock frequency, and f is
the TX/RX speed in bps.
Divider values for common communication speeds at 26 MHz master clock:
Example UART Speeds, fm = 26M Hz
Comm. Speed [bps]
UART_DIV_D1
UART_DIV_D2
4800
85
63
9600
42
63
14400
42
42
19200
51
26
28800
42
21
38400
25
26
57600
1
226
115200
0
226
8.11.6
Interrupts and Operation
Transmitter operates as follows: After an 8-bit word is written to the transmit data register it will
be transmitted instantly if the transmitter is not busy transmitting the previous byte. When the
transmission begins a TX_INTR interrupt will be sent. Status bit [1] informs the transmitter data
register empty (or full state) and bit [0] informs the transmitter (shift register) empty state. A
new word must not be written to transmitter data register if it is not empty (bit [1] = ’0’). The
Version: 1.04, 2018-03-16
52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com