Electronic Components Datasheet Search
  English  ▼

X  

VS1103 Datasheet(PDF) 55 Page - VLSI Solution Oy

Part # VS1103
Description  VS1103b - MIDI/ADPCM AUDIO CODEC
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VLSI [VLSI Solution Oy]
Direct Link  https://www.vlsi.fi/
Logo VLSI - VLSI Solution Oy

VS1103 Datasheet(HTML) 55 Page - VLSI Solution Oy

Back Button VS1103 Datasheet HTML 51Page - VLSI Solution Oy VS1103 Datasheet HTML 52Page - VLSI Solution Oy VS1103 Datasheet HTML 53Page - VLSI Solution Oy VS1103 Datasheet HTML 54Page - VLSI Solution Oy VS1103 Datasheet HTML 55Page - VLSI Solution Oy VS1103 Datasheet HTML 56Page - VLSI Solution Oy VS1103 Datasheet HTML 57Page - VLSI Solution Oy VS1103 Datasheet HTML 58Page - VLSI Solution Oy VS1103 Datasheet HTML 59Page - VLSI Solution Oy Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 61 page
background image
VS1103b Datasheet
8
VS1103B REGISTERS
8.12.4
Timer X Startvalue TIMER_Tx[L/H]
The 32-bit start value TIMER_Tx[L/H] sets the initial counter value when the timer is reset. The
timer interrupt frequency ft =
fi
c+1 where fi is the master clock obtained with the clock divider
(see Chapter 8.12.2 and c is TIMER_Tx[L/H].
Example: With a 12 MHz master clock and with TIMER_CF_CLKDIV=3, the master clock fi =
3M Hz
. If TIMER_TH=0, TIMER_TL=99, then the timer interrupt frequency ft =
3M Hz
99+1
=
30kHz
.
8.12.5
Timer X Counter TIMER_TxCNT[L/H]
TIMER_TxCNT[L/H] contains the current counter values. By reading this register pair, the user
may get knowledge of how long it will take before the next timer interrupt. Also, by writing to
this register, a one-shot different length timer interrupt delay may be realized.
8.12.6
Interrupts
Each timer has its own interrupt, which is asserted when the timer counter underflows.
Version: 1.04, 2018-03-16
55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com