Electronic Components Datasheet Search
  English  ▼

X  

VS1103 Datasheet(PDF) 1 Page - VLSI Solution Oy

Part # VS1103
Description  VS1103b - MIDI/ADPCM AUDIO CODEC
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VLSI [VLSI Solution Oy]
Direct Link  https://www.vlsi.fi/
Logo VLSI - VLSI Solution Oy

VS1103 Datasheet(HTML) 1 Page - VLSI Solution Oy

  VS1103 Datasheet HTML 1Page - VLSI Solution Oy VS1103 Datasheet HTML 2Page - VLSI Solution Oy VS1103 Datasheet HTML 3Page - VLSI Solution Oy VS1103 Datasheet HTML 4Page - VLSI Solution Oy VS1103 Datasheet HTML 5Page - VLSI Solution Oy VS1103 Datasheet HTML 6Page - VLSI Solution Oy VS1103 Datasheet HTML 7Page - VLSI Solution Oy VS1103 Datasheet HTML 8Page - VLSI Solution Oy VS1103 Datasheet HTML 9Page - VLSI Solution Oy Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 61 page
background image
VS1103b Datasheet
VS1103b - MIDI/ADPCM AUDIO
CODEC
Features
• Mixes three audio sources
– General MIDI 1+ / SP-MIDI
– WAV (PCM + IMA ADPCM)
– Microphone or line input
• Encodes IMA ADPCM from microphone,
line input or mixed output
• Input streams can use different sample
rates
• EarSpeaker Spatial Processing
• Bass and treble controls
• Operates with a single 12. . . 13 MHz clock
• Internal PLL clock multiplier
• Low-power operation
• High-quality on-chip stereo DAC with no
phase error between channels
• Stereo earphone driver capable of driv-
ing a 30 Ω load
• Separate operating voltages for analog,
digital and I/O
• 5.5 KiB on-chip RAM for user code / data
• Serial control and data interfaces
• Can be used as a slave co-processor
• SPI flash boot for special applications
• UART for debugging purposes
• New functions may be added with soft-
ware and 4 GPIO pins
Instruction
RAM
Instruction
ROM
Stereo
DAC
Mono
ADC
L
R
UART
Serial
Data/
Control
Interface
Stereo Ear−
phone Driver
DREQ
SO
SI
SCLK
XCS
RX
TX
audio
output
X ROM
X RAM
Y ROM
Y RAM
4
GPIO
GPIO
VSDSP
4
XDCS
MIC AMP
Clock
multiplier
MUX
line
audio
mic
audio
VS1103
Description
VS1103b is a single-chip MIDI/ADPCM/WAV
audio decoder and ADPCM encoder that can
handle up to three simultaneous audio streams.
It can also act as a Midi synthesizer.
VS1103b contains VS_DSP4, a high-perfor-
mance, proprietary low-power DSP proces-
sor core, working data memory, 5 KiB instruc-
tion RAM and 0.5 KiB data RAM for user ap-
plications, serial control and input data inter-
faces, 4 general purpose I/O pins, a UART,
as well as a high-quality variable-sample-rate
mono ADC and stereo DAC, followed by an
earphone amplifier and a common buffer.
VS1103b receives its input bitstreams through
serial input buses, which it listens to as a sys-
tem slave. The input streams are decoded
and passed through digital volume controls to
an 18-bit oversampling, multi-bit, sigma-delta
DAC. Decoding is controlled via a serial con-
trol bus. In addition to basic decoding, it is
possible to add application specific features,
like DSP effects, to user RAM memory.
Version: 1.04, 2018-03-16
1


Similar Part No. - VS1103

ManufacturerPart #DatasheetDescription
logo
VLSI Solution Oy
VS1103 VLSI-VS1103 Datasheet
1Mb / 30P
VS1103 Module
Version: 0.70, 2022-05-05
VS1103-MODULE VLSI-VS1103-MODULE Datasheet
1Mb / 30P
VS1103 Module
Version: 0.70, 2022-05-05
logo
List of Unclassifed Man...
VS1103B ETC2-VS1103B Datasheet
559Kb / 61P
MIDI/ADPCM AUDIO CODEC
More results

Similar Description - VS1103

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML7029 OKI-ML7029 Datasheet
163Kb / 29P
Multifunction ADPCM CODEC
logo
List of Unclassifed Man...
VS1033 ETC1-VS1033 Datasheet
556Kb / 70P
MP3/AAC/WMA/MIDI AUDIO CODEC
VS1033C ETC2-VS1033C Datasheet
584Kb / 74P
MP3/AAC/WMA/MIDI AUDIO CODEC
VS1053B ETC2-VS1053B Datasheet
689Kb / 79P
Ogg Vorbis/MP3/AAC/WMA/MIDI AUDIO CODEC
VS1103B ETC2-VS1103B Datasheet
559Kb / 61P
MIDI/ADPCM AUDIO CODEC
logo
Rohm
BU6569GVW ROHM-BU6569GVW Datasheet
368Kb / 17P
Camera Image Processor with ADPCM / MIDI / MP3 / AAC / HE-AAC Audio
logo
List of Unclassifed Man...
ML7029 ETC2-ML7029 Datasheet
366Kb / 29P
Multifunction ADPCM CODEC
logo
LAPIS Semiconductor Co....
ML7029 LAPIS-ML7029 Datasheet
362Kb / 29P
Multifunction ADPCM CODEC
logo
Motorola, Inc
MC14LC5540 MOTOROLA-MC14LC5540 Datasheet
193Kb / 18P
ADPCM Codec
MC145540 MOTOROLA-MC145540 Datasheet
854Kb / 116P
ADPCM Codec
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com