Electronic Components Datasheet Search
  English  ▼

X  

VS1103 Datasheet(PDF) 38 Page - VLSI Solution Oy

Part # VS1103
Description  VS1103b - MIDI/ADPCM AUDIO CODEC
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VLSI [VLSI Solution Oy]
Direct Link  https://www.vlsi.fi/
Logo VLSI - VLSI Solution Oy

VS1103 Datasheet(HTML) 38 Page - VLSI Solution Oy

Back Button VS1103 Datasheet HTML 34Page - VLSI Solution Oy VS1103 Datasheet HTML 35Page - VLSI Solution Oy VS1103 Datasheet HTML 36Page - VLSI Solution Oy VS1103 Datasheet HTML 37Page - VLSI Solution Oy VS1103 Datasheet HTML 38Page - VLSI Solution Oy VS1103 Datasheet HTML 39Page - VLSI Solution Oy VS1103 Datasheet HTML 40Page - VLSI Solution Oy VS1103 Datasheet HTML 41Page - VLSI Solution Oy VS1103 Datasheet HTML 42Page - VLSI Solution Oy Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 61 page
background image
VS1103b Datasheet
7
OPERATION
7.4
ADPCM Recording
This chapter explains how to create RIFF/WAV file with IMA ADPCM format. This is a widely
supported ADPCM format and many PC audio playback programs can play it.
IMA ADPCM recording gives roughly a compression ratio of 4:1 compared to linear, 16-bit
audio. This makes it possible to record approx. 8 kHz audio at approx. 32.44 kbit/s or 44.1 kHz
audio at 178.85 kbit/s.
7.4.1
Activating ADPCM Recording
IMA ADPCM recording mode is activated by setting bit SM_ADPCM in SCI_MODE. Before
activating ADPCM recording, user
must see to it that SCI_ADPCMRECCTL has been properly
set.
7.4.2
Reading IMA ADPCM Data
After IMA ADPCM recording has been activated, results can be read through registers SCI_IN0
and SCI_IN1.
The IMA ADPCM sample buffer size is 512 16-bit words, or 1 KiB. If the data is not read fast
enough, the buffer overflows and returns to empty state.
Each IMA ADPCM block consists of 128 words, i.e. 256 bytes (or 505 mono audio samples).
If you wish to interrupt reading data and possibly continue later, please stop at a 128-word
boundary. This way whole blocks are skipped and the encoded stream stays valid.
Note: if SCI_IN1[15:8] ≥ 60 (i.e. there are more than 60 × 8 = 480 words waiting), wait for the
buffer to overflow and clear before reading samples to avoid buffer aliasing.
Version: 1.04, 2018-03-16
38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com